Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMJ316BB7224KL8T Fiches technique(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce HMJ316BB7224KL8T
Description  Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HMJ316BB7224KL8T Fiches technique(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HMJ316BB7224KL8T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HMJ316BB7224KL8T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HMJ316BB7224KL8T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7224KL8T
Features
Item Summary
0.22uF±10%, 100V,
X7R, 1206/3216 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Capacitance
0.22 uF ± 10 %
Case Size (EIA/JIS)
1206/3216
Rated Voltage
100 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.30 mm
Dimension W
1.6 ±0.30 mm
Dimension T
1.6 ±0.30 mm
Dimension e
0.60 +0.4/-0.3 mm
2019.11.25
1 / 1


Numéro de pièce similaire - HMJ316BB7224KL8T

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
HMJ316BB7224KLHT TAIYO-YUDEN-HMJ316BB7224KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results

Description similaire - HMJ316BB7224KL8T

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
GMJ107BB7224KA8T TAIYO-YUDEN-GMJ107BB7224KA8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7473KA8T TAIYO-YUDEN-GMJ107BB7473KA8T Datasheet
401Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7474MA8T TAIYO-YUDEN-GMJ107BB7474MA8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
QMJ325B7473MN8T TAIYO-YUDEN-QMJ325B7473MN8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ316BB7474ML8T TAIYO-YUDEN-TMJ316BB7474ML8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ325AB7475KM8P TAIYO-YUDEN-TMJ325AB7475KM8P Datasheet
404Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7104KL8T TAIYO-YUDEN-HMJ316BB7104KL8T Datasheet
402Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7105KL8T TAIYO-YUDEN-HMJ316BB7105KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
UMJ212CB7105MG8T TAIYO-YUDEN-UMJ212CB7105MG8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
UMJ316BB7224KL8T TAIYO-YUDEN-UMJ316BB7224KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com