Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC900 Fiches technique(PDF) 53 Page - Texas Instruments

No de pièce DLPC900
Description  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Fiches technique(HTML) 53 Page - Texas Instruments

Back Button DLPC900_V01 Datasheet HTML 49Page - Texas Instruments DLPC900_V01 Datasheet HTML 50Page - Texas Instruments DLPC900_V01 Datasheet HTML 51Page - Texas Instruments DLPC900_V01 Datasheet HTML 52Page - Texas Instruments DLPC900_V01 Datasheet HTML 53Page - Texas Instruments DLPC900_V01 Datasheet HTML 54Page - Texas Instruments DLPC900_V01 Datasheet HTML 55Page - Texas Instruments DLPC900_V01 Datasheet HTML 56Page - Texas Instruments DLPC900_V01 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
53
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
All applications require both the controller and DMD components for reliable operation. The system uses an
external parallel flash memory device loaded with the DLPC900 configuration and support firmware. The external
boot flash must contain a minimum of 2 sectors, where the first sector starts at address 0xF9000000 which is the
power-up reset start address. The first 128 kB is reserved for the bootlloader image and must be in its own
sector and can be made up of several smaller contiguous sectors that add up to 128 kB as shown in Figure 32.
The remaining sectors contains the rest of the firmware. The default wait-states is set for a flash device of 120-ns
access time. For a faster flash access time, refer to the Program Memory Flash Interface on how to program new
wait-state values.
Figure 32. Boot Flash Memory Layout
NOTE
The Bootloader, the Main Application, and any images stored in flash (if present) are
considered the firmware.
The chipset has the following interfaces and support circuitry:
DLPC900 System Interfaces
Control Interfaces
Trigger Interface
Input Data Interfaces
Illumination Interface
DLPC900 Support Circuitry and Interfaces
Reference Clock
PLL
Program Memory Flash Interface
DMD Interface
DLPC900 to DLP6500/DLP9000 Digital Data
DLPC900 to DLP6500/DLP9000 Control and Clock Interface
DLPC900 to DLP6500/DLP9000 Serial Communication Interface


Numéro de pièce similaire - DLPC900_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Description similaire - DLPC900_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com