Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5757IAZ Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL5757IAZ
Description  10-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5757IAZ Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL5757IAZ Datasheet HTML 1Page - Intersil Corporation ISL5757IAZ Datasheet HTML 2Page - Intersil Corporation ISL5757IAZ Datasheet HTML 3Page - Intersil Corporation ISL5757IAZ Datasheet HTML 4Page - Intersil Corporation ISL5757IAZ Datasheet HTML 5Page - Intersil Corporation ISL5757IAZ Datasheet HTML 6Page - Intersil Corporation ISL5757IAZ Datasheet HTML 7Page - Intersil Corporation ISL5757IAZ Datasheet HTML 8Page - Intersil Corporation ISL5757IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6078.1
November 12, 2004
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DCOM . . . . . . . . . . . . . . . . . +3.6V
Analog Supply Voltage AVDD to ACOM. . . . . . . . . . . . . . . . . . +3.6V
Grounds, ACOM TO DCOM . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Digital Input Voltages (D9-D0, CLK, SLEEP). . . . . . . . DVDD + 0.3V
Reference Input Voltage Range. . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
θJA(°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX
SYSTEM PERFORMANCE
Resolution
10
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 8)
-0.5
±0.1
+0.5
LSB
Differential Linearity Error, DNL
(Note 8)
-0.5
±0.1
+0.5
LSB
Offset Error, IOS
IOUTA (Note 8)
-0.006
+0.006
% FSR
Offset Drift Coefficient
(Note 8)
-
0.1
-
ppm
FSR/°C
Full Scale Gain Error, FSE
With External Reference (Notes 2, 8)
-3
±0.5
+3
% FSR
With Internal Reference (Notes 2, 8)
-3
±0.5
+3
% FSR
Full Scale Gain Drift
With External Reference (Note 8)
-
±50
-
ppm
FSR/°C
With Internal Reference (Note 8)
-
±100
-
ppm
FSR/°C
Full Scale Output Current, IFS
2-
20
mA
Output Voltage Compliance Range
(Note 3)
-1.0
-
1.25
V
DYNAMIC CHARACTERISTICS
Maximum Clock Rate, fCLK
260
300
-
MHz
Output Rise Time
Full Scale Step
-
1.5
-
ns
Output Fall Time
Full Scale Step
-
1.5
-
ns
Output Capacitance
-10
-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/
√Hz
IOUTFS = 2mA
-
30
-
pA/
√Hz
AC CHARACTERISTICS (Using Figure 13 with RDIFF = 50Ω and RLOAD= 50Ω, Full Scale Output = -2.5dBm)
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 210MSPS, fOUT = 80.8MHz, 30MHz Span (Notes 4, 8)
-
72
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz, 30MHz Span (Notes 4, 8)
-
75
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz, 20MHz Span (Notes 4, 8)
-
77
-
dBc
ISL5757


Numéro de pièce similaire - ISL5757IAZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL5757IAZ RENESAS-ISL5757IAZ Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Description similaire - ISL5757IAZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com