Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFECP40E-5Q208I Fiches technique(PDF) 6 Page - Lattice Semiconductor

No de pièce LFECP40E-5Q208I
Description  LatticeECP/EC Family Data Sheet
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFECP40E-5Q208I Fiches technique(HTML) 6 Page - Lattice Semiconductor

Back Button LFECP40E-5Q208I Datasheet HTML 2Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 3Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 4Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 5Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 6Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 7Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 8Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 9Page - Lattice Semiconductor LFECP40E-5Q208I Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 117 page
background image
2-3
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
PFU and PFF Blocks
The core of the LatticeECP/EC devices consists of PFU and PFF blocks. The PFUs can be programmed to perform
Logic, Arithmetic, Distributed RAM and Distributed ROM functions. PFF blocks can be programmed to perform
Logic, Arithmetic and ROM functions. Except where necessary, the remainder of the data sheet will use the term
PFU to refer to both PFU and PFF blocks.
Each PFU block consists of four interconnected slices, numbered 0-3 as shown in Figure 2-3. All the interconnec-
tions to and from PFU blocks are from routing. There are 53 inputs and 25 outputs associated with each PFU block.
Figure 2-3. PFU Diagram
Slice
Each slice contains two LUT4 lookup tables feeding two registers (programmed to be in FF or Latch mode), and
some associated logic that allows the LUTs to be combined to perform functions such as LUT5, LUT6, LUT7 and
LUT8. There is control logic to perform set/reset functions (programmable as synchronous/asynchronous), clock
select, chip-select and wider RAM/ROM functions. Figure 2-4 shows an overview of the internal logic of the slice.
The registers in the slice can be configured for positive/negative and edge/level clocks.
There are 14 input signals: 13 signals from routing and one from the carry-chain (from adjacent slice or PFU).
There are 7 outputs: 6 to routing and one to carry-chain (to adjacent PFU). Table 2-1 lists the signals associated
with each slice.
Slice 0
LUT4 &
CARRY
LUT4 &
CARRY
FF/
Latch
D
FF/
Latch
D
Slice 1
LUT4 &
CARRY
LUT4 &
CARRY
Slice 2
LUT4 &
CARRY
LUT4 &
CARRY
From
Routing
To
Routing
Slice 3
LUT4 &
CARRY
LUT4 &
CARRY
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D
FF/
Latch
D


Numéro de pièce similaire - LFECP40E-5Q208I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LFECP10 LATTICE-LFECP10 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFECP10E-3F256C LATTICE-LFECP10E-3F256C Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFECP10E-3F256I LATTICE-LFECP10E-3F256I Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFECP10E-3F484C LATTICE-LFECP10E-3F484C Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFECP10E-3F484I LATTICE-LFECP10E-3F484I Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
More results

Description similaire - LFECP40E-5Q208I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LFEC LATTICE-LFEC_05 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com