Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4752AUR Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce 1N4752AUR
Description  SURFACE MOUNT 1.0W GLASS ZENDER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4752AUR Fiches technique(HTML) 2 Page - Microsemi Corporation

  1N4752AUR Datasheet HTML 1Page - Microsemi Corporation 1N4752AUR Datasheet HTML 2Page - Microsemi Corporation 1N4752AUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT 1.0 W
GLASS ZENER DIODES
SCOTTSD A L E DIVISION
1N4728UR thru 1N4764AUR
(or MLL4728A thru MLL4764A)
ELECTRICAL CHARACTERISTICS @ T
C
= 30oC
ZENER
VOLTAGE
(NOTE 4)
VZ
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
(Note 2)
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT
IR @ VR
TEST
VOLTAGE
VR
MAXIMUM
REGULATOR
CURRENT
TA = 50
oC
IZM
MAXIMUM
KNEE
IMPEDANCE
(NOTE2)
ZZK @ IZK
TEST
CURRENT
IZK
MAXIMUM
(SURGE)
CURRENT
(NOTE 3)
IS
TYPE
NUMBER
(NOTE 1 & 5)
Volts
mA
Ohms
µA
Volts
mA
Ohms
mA
mA
1N4728AUR
1N4729AUR
1N4730AUR
1N4731AUR
3.3
3.6
3.9
4.3
76
69
64
58
10
10
9
9
100
100
50
10
1
1
1
1
276
252
234
217
400
400
400
400
1.0
1.0
1.0
1.0
1380
1260
1190
1070
1N4732AUR
1N4733AUR
1N4734AUR
1N4735AUR
4.7
5.1
5.6
6.2
53
49
45
41
8
7
5
2
10
10
10
10
1
1
2
3
193
178
162
146
500
550
600
700
1.0
1.0
1.0
1.0
970
890
810
730
1N4736AUR
1N4737AUR
1N4738AUR
1N4739AUR
6.8
7.5
8.2
9.1
37
34
31
28
3.5
4.0
4.5
5.0
10
10
10
10
4
5
6
7
133
121
110
100
700
700
700
700
1.0
0.5
0.5
0.5
660
605
550
500
1N4740AUR
1N4741AUR
1N4742AUR
1N4743AUR
10
11
12
13
25
23
21
19
7
8
9
10
10
5
5
5
7.6
8.4
9.1
9.9
91
83
76
69
700
700
700
700
0.25
0.25
0.25
0.25
454
414
380
344
1N4744AUR
1N4745AUR
1N4746AUR
1N4747AUR
15
16
18
20
17
15.5
14
12.5
14
16
20
22
5
5
5
5
11.4
12.2
13.7
15.2
61
57
50
45
700
700
750
750
0.25
0.25
0.25
0.25
304
285
250
225
1N4748AUR
1N4749AUR
1N4750AUR
1N4751AUR
22
24
27
30
11.5
10.5
9.5
8.5
23
25
35
40
5
5
5
5
16.7
18.2
20.6
22.8
41
38
34
30
750
750
750
1000
0.25
0.25
0.25
0.25
205
190
170
150
1N4752AUR
1N4753AUR
1N4754AUR
1N4755AUR
33
36
39
43
7.5
7.0
6.5
6.0
45
50
60
70
5
5
5
5
25.1
27.4
29.7
32.7
27
25
23
22
1000
1000
1000
1500
0.25
0.25
0.25
0.25
135
125
115
110
1N4756AUR
1N4757AUR
1N4758AUR
1N4759AUR
47
51
56
62
5.5
5.0
4.5
4.0
80
95
110
125
5
5
5
5
35.8
38.8
42.6
47.1
19
18
16
14
1500
1500
2000
2000
0.25
0.25
0.25
0.25
95
90
80
70
1N4760AUR
1N4761AUR
1N4762AUR
1N4763AUR
68
75
82
91
3.7
3.3
3.0
2.8
150
175
200
250
5
5
5
5
51.7
56.0
62.2
69.2
13
12
11
10
2000
2000
3000
3000
0.25
0.25
0.25
0.25
65
60
55
50
1N4764AUR
100
2.5
350
5
76.0
9
3000
0.25
45
NOTE 1:
The type numbers shown with an “A” suffix have a +/-5% tolerance on the nominal Zener voltage. Also available with suffix “C” for +/-2%, and
“D” for +/-1%, while the absence of a suffix letter denotes +/- 10% tolerance.
NOTE 2:
The Zener impedance is derived from the 60Hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc Zener
current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to ensure a sharp knee on the breakdown curve and
eliminate unstable units.
NOTE 3:
The reverse surge current is measured at 25
oC ambient using a ½ square wave or equivalent sine wave pulse 1/120 second duration
superimposed on IZT.
NOTE 4:
Voltage measurements to be performed 90 seconds after application of dc current.
NOTE 5: This product series has also been previously identified as the MLL4728A thru MLL4764A series. This alternate name may still be used.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2002
11-05-2003 REV C


Numéro de pièce similaire - 1N4752AUR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4752AUR-1 MICROSEMI-1N4752AUR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results

Description similaire - 1N4752AUR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
1SMA4741 SSC-1SMA4741 Datasheet
203Kb / 4P
   SURFACE MOUNT SILICON ZENDER DIODE
logo
Diodes Incorporated
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com