Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGB7NC60HDT4 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STGB7NC60HDT4
Description  N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB7NC60HDT4 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STGB7NC60HDT4 Datasheet HTML 2Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 3Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 4Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 5Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 6Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 7Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 8Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 9Page - STMicroelectronics STGB7NC60HDT4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STGP7NC60HD - STGF7NC60HD - STGB7NC60HD
6/15
Figure 9: Normalized Breakdown Voltage vs
Temperature
Figure 10: Capacitance Variations
Figure 11: Total Switching Losses vs Gate Re-
sistance
Figure 12: Gate Charge vs Gate-Emitter Volt-
age
Figure 13: Total Switching Losses vs Temper-
ature
Figure 14: Total Switching Losses vs Collector
Current


Numéro de pièce similaire - STGB7NC60HDT4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB7NC60HDT4 STMICROELECTRONICS-STGB7NC60HDT4 Datasheet
1Mb / 22P
   N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Rev 10 June 2012
More results

Description similaire - STGB7NC60HDT4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGP7NC60H STMICROELECTRONICS-STGP7NC60H Datasheet
367Kb / 12P
   N-CHANNEL 14A - 600V TO-220/DPAK Very Fast PowerMESH IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
   N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH??IGBT
November 2005 Rev 1
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com