Moteur de recherche de fiches techniques de composants électroniques |
|
CAT1025RE-25TE13 Fiches technique(PDF) 1 Page - Catalyst Semiconductor |
|
CAT1025RE-25TE13 Fiches technique(HTML) 1 Page - Catalyst Semiconductor |
1 / 20 page MR VCC NC SCL SDA RESET NC VSS CAT1024 1 2 3 4 8 7 6 5 CAT1024, CAT1025 Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset FEATURES ■ Precision power supply voltage monitor — 5V, 3.3V and 3V systems — Five threshold voltage options ■ Active high or low reset — Valid reset guaranteed at V CC = 1V ■ 400kHz I2C bus ■ 3.0V to 5.5V operation ■ Low power CMOS technology ■ 16-Byte page write buffer ■ Built-in inadvertent write protection — WP pin (CAT1025) ■ 1,000,000 Program/Erase cycles ■ Manual reset input ■ 100 year data retention ■ 8-pin DIP, SOIC, TSSOP, MSOP & TDFN (3x3mm foot print) packages ■ Industrial and extended temperature ranges PIN CONFIGURATION © 2004 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice DESCRIPTION The CAT1024 and CAT1025 are complete memory and supervisory solutions for microcontroller-based systems. A 2k-bit serial EEPROM memory and a system power supervisor with brown-out protection are integrated together in low power CMOS technology. Memory interface is via a 400kHz I2C bus. The CAT1025 provides a precision VCC sense circuit and two open drain outputs: one (RESET) drives high and the other ( RESET) drives low whenever VCC falls below the reset threshold voltage. The CAT1025 also has a Write Protect input (WP). Write operations are disabled if WP is connected to a logic high. The CAT1024 also provides a precision VCC sense circuit, but has only a RESET output and does not have a Write Protect input. The power supply monitor and reset circuit protect memory and system controllers during power up/down and against brownout conditions. Five reset threshold Doc No. 3008, Rev. M voltages support 5V, 3.3V and 3V systems. If power supply voltages are out of tolerance reset signals become active, preventing the system microcontroller, ASIC or peripherals from operating. Reset signals become inactive typically 200 ms after the supply voltage exceeds the reset threshold level. With both active high and low reset signals, interface to microcontrollers and other ICs is simple. In addition, the RESET pin or a separate input, MR, can be used as an input for push-button manual reset capability. The CAT1024/25 memory features a 16-byte page. In addition, hardware data protection is provided by a VCC sense circuit that prevents writes to memory whenever VCC falls below the reset threshold or until VCC reaches the reset threshold during power up. Available packages include an 8-pin DIP, 8-pin SOIC, 8-pin TSSOP, 8-pin TDFN and 8-pin MSOP. The TDFN package thickness is 0.8mm maximum. TDFN footprint is 3x3mm. Preliminary Information MR VCC SCL SDA RESET VSS CAT1025 1 2 3 4 8 7 6 5 VCC WP RESET (Bottom View) TDFN Package: 3mm x 3mm 0.8mm maximum height - (RD4, ZD4) 1 2 3 4 8 7 6 5 VCC NC SCL SDA MR RESET NC VSS CAT1024 1 2 3 4 8 7 6 5 VCC WP SCL SDA MR RESET RESET VSS CAT1025 ALO GEN FR TM LEAD FREE DIP Package (P, L) SOIC Package (J, W) TSSOP Package (U, Y) MSOP Package (R, Z) |
Numéro de pièce similaire - CAT1025RE-25TE13 |
|
Description similaire - CAT1025RE-25TE13 |