Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4834DY-T1 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4834DY-T1
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4834DY-T1 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4834DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4834DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4834DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4834DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4834DY-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4834DY
Vishay Siliconix
www.vishay.com
2
Document Number: 71183
S-31062—Rev. B, 26-May-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 24 V VGS = 0 V
Ch-1
100
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
Ch 1
Ch-2
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V VGS = 0 V TJ = 85_C
Ch-1
2000
mA
VDS = 24 V, VGS = 0 V, TJ = 85_C
Ch 1
Ch-2
15
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 7.5 A
0.018
0.022
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 6.5 A
0.024
0.030
W
Forward Transconductanceb
gfs
VDS = 15 V, ID = 7.5 A
22
S
Diode Forward Voltageb
VSD
IS = 1 A VGS = 0 V
Ch-1
0.47
0.5
V
Diode Forward Voltageb
VSD
IS = 1 A, VGS = 0 V
Ch 1
Ch-2
0.8
1.2
V
Dynamica
Total Gate Charge
Qg
13
20
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 10 V, ID = 7.5 A
2
nC
Gate-Drain Charge
Qgd
DS
,
GS
, D
2.7
Gate Resistance
Rg
0.5
1.9
3.2
W
Turn-On Delay Time
td(on)
8
16
Rise Time
tr
VDD = 15 V, RL = 15 W
10
20
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
21
40
ns
Fall Time
tf
10
20
ns
Source Drain Reverse Recovery Time
t
IF = 1 7 A di/dt = 100 A/ms
Ch-1
32
70
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
Ch 1
Ch-2
40
80
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
Forward Voltage Drop
VF
IF = 1.0 A, TJ = 125_C
0.36
0.42
V
Vr = 30 V
0.004
0.100
Maximum Reverse Leakage Current
Irm
Vr = 30 V, TJ = 100_C
0.7
10
mA
g
rm
Vr = - 30 V, TJ = 125_C
3.0
20
Junction Capacitance
CT
Vr = 10 V
50
pF


Numéro de pièce similaire - SI4834DY-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4834BDY VISHAY-SI4834BDY Datasheet
116Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY_V01 Datasheet
116Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4834CDY VISHAY-SI4834CDY Datasheet
213Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
More results

Description similaire - SI4834DY-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com