Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1024UE-28TE13 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT1024UE-28TE13
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1024UE-28TE13 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1024UE-28TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT1024UE-28TE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
CAT1024, CAT1025
Doc. No. 3008, Rev. M
RESET CIRCUIT AC CHARACTERISTICS
Notes:
1. Test Conditions according to “AC Test Conditions” table.
2. Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
3. Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
4. VCC Glitch Reference Voltage = VTHmin; Based on characterization data
5. This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
6. tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated.
7. Latch-up protection is provided for stresses up to 100mA on input and output pins from -1V to VCC + 1V.
AC TEST CONDITIONS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
n
i
Mp
y
Tx
a
Ms
t
i
n
U
t
T
S
R
U
P
t
u
o
e
m
i
T
t
e
s
e
R2
e
t
o
N0
3
10
0
20
7
2s
m
t
D
P
R
V
H
T
y
a
l
e
D
t
u
p
t
u
O
T
E
S
E
R
o
t3
e
t
o
N5
s
µ
t
H
C
T
I
L
G
V
C
C
h
t
d
i
W
e
s
l
u
P
t
c
e
j
e
R
h
c
ti
l
G5
,
4
e
t
o
N0
3s
n
h
c
ti
l
G
R
My
ti
n
u
m
m
I
h
c
ti
l
G
t
e
s
e
R
l
a
u
n
a
M1
e
t
o
N0
0
1s
n
t
W
R
M
h
t
d
i
W
e
s
l
u
P
R
M1
e
t
o
N5
s
µ
t
D
R
M
y
a
l
e
D
t
u
p
t
u
O
T
E
S
E
R
o
t
t
u
p
n
I
R
M1
e
t
o
N1
s
µ
G
N
I
M
I
T
P
U
-
R
E
W
O
P
6
,
5
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
n
i
Mp
y
Tx
a
Ms
t
i
n
U
t
R
U
P
n
o
it
a
r
e
p
O
d
a
e
R
o
t
p
U
-
r
e
w
o
P
0
7
2s
m
t
W
U
P
n
o
it
a
r
e
p
O
e
ti
r
W
o
t
p
U
-
r
e
w
o
P
0
7
2s
m
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T
s
e
g
a
t
l
o
V
e
s
l
u
P
t
u
p
n
IV
2
.
0
C
C
V
8
.
0
o
t
C
C
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
n
Is
n
0
1
s
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
t
u
p
n
IV
3
.
0
C
C
V
7
.
0
,
C
C
s
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
t
u
p
t
u
OV
5
.
0
C
C
d
a
o
L
t
u
p
t
u
O
I
:
e
c
r
u
o
S
t
n
e
r
r
u
C
L
O
;
A
m
3
=
C
L
F
p
0
0
1
=
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND(5)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR(5)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP(5)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(5)(7)
Latch-Up
JEDEC Standard 17
100
mA


Numéro de pièce similaire - CAT1024UE-28TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024 CATALYST-CAT1024 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1024 ONSEMI-CAT1024 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
More results

Description similaire - CAT1024UE-28TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024_07 Datasheet
266Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024 Datasheet
547Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WE-30 ONSEMI-CAT1025WE-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI30 ONSEMI-CAT1025WI30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com