Moteur de recherche de fiches techniques de composants électroniques |
|
LFEC6E-5F484C Fiches technique(PDF) 6 Page - Lattice Semiconductor |
|
LFEC6E-5F484C Fiches technique(HTML) 6 Page - Lattice Semiconductor |
6 / 117 page 2-3 Architecture Lattice Semiconductor LatticeECP/EC Family Data Sheet PFU and PFF Blocks The core of the LatticeECP/EC devices consists of PFU and PFF blocks. The PFUs can be programmed to perform Logic, Arithmetic, Distributed RAM and Distributed ROM functions. PFF blocks can be programmed to perform Logic, Arithmetic and ROM functions. Except where necessary, the remainder of the data sheet will use the term PFU to refer to both PFU and PFF blocks. Each PFU block consists of four interconnected slices, numbered 0-3 as shown in Figure 2-3. All the interconnec- tions to and from PFU blocks are from routing. There are 53 inputs and 25 outputs associated with each PFU block. Figure 2-3. PFU Diagram Slice Each slice contains two LUT4 lookup tables feeding two registers (programmed to be in FF or Latch mode), and some associated logic that allows the LUTs to be combined to perform functions such as LUT5, LUT6, LUT7 and LUT8. There is control logic to perform set/reset functions (programmable as synchronous/asynchronous), clock select, chip-select and wider RAM/ROM functions. Figure 2-4 shows an overview of the internal logic of the slice. The registers in the slice can be configured for positive/negative and edge/level clocks. There are 14 input signals: 13 signals from routing and one from the carry-chain (from adjacent slice or PFU). There are 7 outputs: 6 to routing and one to carry-chain (to adjacent PFU). Table 2-1 lists the signals associated with each slice. Slice 0 LUT4 & CARRY LUT4 & CARRY FF/ Latch D FF/ Latch D Slice 1 LUT4 & CARRY LUT4 & CARRY Slice 2 LUT4 & CARRY LUT4 & CARRY From Routing To Routing Slice 3 LUT4 & CARRY LUT4 & CARRY FF/ Latch D FF/ Latch D FF/ Latch D FF/ Latch D FF/ Latch D FF/ Latch D |
Numéro de pièce similaire - LFEC6E-5F484C |
|
Description similaire - LFEC6E-5F484C |