Moteur de recherche de fiches techniques de composants électroniques |
|
CAT1024PE-30TE13 Fiches technique(PDF) 3 Page - Catalyst Semiconductor |
|
CAT1024PE-30TE13 Fiches technique(HTML) 3 Page - Catalyst Semiconductor |
3 / 20 page 3 CAT1024, CAT1025 Doc No. 3008, Rev. M PIN DESCRIPTION RESET/ RESET RESET RESET RESET RESET: RESET OUTPUTS (RESET CAT1025 Only) These are open drain pins and RESET can be used as a manual reset trigger input. By forcing a reset condition on the pin the device will initiate and maintain a reset condition. The RESET pin must be connected through a pull-down resistor, and the RESET pin must be connected through a pull-up resistor. SDA: SERIAL DATA ADDRESS The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. SCL: SERIAL CLOCK Serial clock input. MR: MR: MR: MR: MR: MANUAL RESET INPUT Manual Reset input is a debounced input that can be connected to an external source for Manual Reset. Pulling the MR input low will generate a Reset condition. Reset outputs are active while MR input is low and for the reset timeout period after MR returns to high. The input has an internal pull-up resistor. WP (CAT1025 Only): WRITE PROTECT INPUT When tied to V SS or left unconnected write operations to the entire array are allowed. When tied to V CC, the entire array is protected. This input has an internal pull down resistor. CAT10XX FAMILY OVERVIEW For supervisory circuits with embedded 16k EEPROM, please refer to the CAT1161, CAT1162 and CAT1163 data sheets. e c i v e D l a u n a M t e s e R n i P t u p n I g o d h c t a W g o d h c t a W r o t i n o M n i P e t i r W n o i t c e t o r P n i P t n e d n e p e d n I y r a i l i x u A e s n e S e g a t l o V e v i t c A : T E S E R W O L d n a h g i H M O R P E E 1 2 0 1 T A C A D S k 2 2 2 0 1 T A C A D S k 2 3 2 0 1 T A C I D W k 2 4 2 0 1 T A C k 2 5 2 0 1 T A C k 2 6 2 0 1 T A C k 2 7 2 0 1 T A C I D W k 2 |
Numéro de pièce similaire - CAT1024PE-30TE13 |
|
Description similaire - CAT1024PE-30TE13 |