Moteur de recherche de fiches techniques de composants électroniques |
|
CAT24FC66WI-1.8TE13 Fiches technique(PDF) 3 Page - Catalyst Semiconductor |
|
CAT24FC66WI-1.8TE13 Fiches technique(HTML) 3 Page - Catalyst Semiconductor |
3 / 10 page CAT24FC65/66 3 Doc No. 1047, Rev. H © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice Note: (1) AC measurement conditions: RL (connects to VCC): 0.3VCC to 0.7 VCC Input rise and fall times: < 50ns Input and output timing reference voltages: 0.5 VCC (2) This parameter is tested initially and after a design or process change that affects the parameter. (3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. A.C. CHARACTERISTICS VCC = +2.5V to +5.5V, unless otherwise specified Output Load is 1 TTL Gate and 100pF Read & Write Cycle Limits Power-Up Timing (2)(3) Symbol Parameter Min Typ Max Units tPUR Power-Up to Read Operation 1 ms tPUW Power-Up to Write Operation 1 ms l o b m y Sr e t e m a r a P V 5 . 5 - V 5 . 2 = C C V n i Mx a Ms t i n U F L C S y c n e u q e r F k c o l C 0 0 4z H k t A A t u O K C A d n a t u O a t a D A D S o t w o L L C S0 50 0 9s n t F U B ) 2 ( n o i s s i m s n a r T w e N a e r o f e B e e r F e b t s u M s u B e h t e m i T t r a t S n a C 0 0 3 1s n t A T S : D H e m i T d l o H n o i t i d n o C t r a t S0 0 6s n t W O L d o i r e P w o L k c o l C0 0 3 1s n t H G I H d o i r e P h g i H k c o l C0 0 6s n t A T S : U S ) n o i t i d n o C t r a t S d e t a e p e R a r o f ( e m i T p u t e S n o i t i d n o C t r a t S0 0 6s n t T A D : D H e m i T d l o H n I a t a D0 s n t T A D : U S e m i T p u t e S n I a t a D0 0 1s n t R ) 2 ( e m i T e s i R L C S d n a A D S 0 0 3s n t F ) 2 ( e m i T ll a F L C S d n a A D S 0 0 3s n t O T S : U S e m i T p u t e S n o i t i d n o C p o t S0 0 6s n t H D e m i T d l o H t u O a t a D0 5s n t R W e m i T e l c y C e t i r W 5s m t P S ) L C S , A D S ( n o i s s s e r p p u S t u p n I 0 5s n t P W ; U S e m i T p u t e S P W0 0 6s n t P W ; D H e m i T d l o H P W0 0 3 1s n |
Numéro de pièce similaire - CAT24FC66WI-1.8TE13 |
|
Description similaire - CAT24FC66WI-1.8TE13 |