Moteur de recherche de fiches techniques de composants électroniques |
|
CAT34AC02ZI Fiches technique(PDF) 3 Page - Catalyst Semiconductor |
|
CAT34AC02ZI Fiches technique(HTML) 3 Page - Catalyst Semiconductor |
3 / 10 page CAT34AC02 3 Doc No. 1025, Rev. E Write Cycle Limits Symbol Parameter Min Typ Max Units tWR Write Cycle Time 4 5 ms A.C. CHARACTERISTICS VCC = +1.8V to +6.0V, unless otherwise specified. Read & Write Cycle Limits Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. Power-Up Timing(1)(2) Symbol Parameter Min Typ Max Units tPUR Power-up to Read Operation 1 ms tPUW Power-up to Write Operation 1 ms The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. l o b m y Sr e t e m a r a P V 0 . 6 - V 5 . 2 , V 0 . 6 - V 8 . 1V 5 . 5 - V 5 . 4 s t i n U n i Mx a Mn i Mx a M F L C S y c n e u q e r F k c o l C0 0 10 0 4z H k T I ) 1 ( t a t n a t s n o C e m i T n o i s s e r p p u S e s i o N s t u p n I A D S , L C S 0 0 10 0 1s n t A A t u O a t a D A D S o t w o L L C S t u O K C A d n a 5 . 31 s µ t F U B ) 1 ( a e r o f e B e e r F e b t s u M s u B e h t e m i T t r a t S n a C n o i s s i m s n a r T w e N 7 . 42 . 1s µ t A T S : D H e m i T d l o H n o i t i d n o C t r a t S4 6 . 0s µ t W O L d o i r e P w o L k c o l C7 . 42 . 1s µ t H G I H d o i r e P h g i H k c o l C4 6 . 0s µ t A T S : U S a r o f ( e m i T p u t e S n o i t i d n o C t r a t S ) n o i t i d n o C t r a t S d e t a e p e R 7 . 46 . 0s µ t T A D : D H e m i T d l o H n I a t a D0 0 s n t T A D : U S e m i T p u t e S n I a t a D0 50 5s n t R ) 1 ( e m i T e s i R L C S d n a A D S1 3 . 0s µ t F ) 1 ( e m i T ll a F L C S d n a A D S0 0 30 0 3s n t O T S : U S e m i T p u t e S n o i t i d n o C p o t S4 6 . 0s µ t H D e m i T d l o H t u O a t a D0 0 10 0 1s n |
Numéro de pièce similaire - CAT34AC02ZI |
|
Description similaire - CAT34AC02ZI |