Moteur de recherche de fiches techniques de composants électroniques |
|
CAT1640JI-25TE13 Fiches technique(PDF) 3 Page - Catalyst Semiconductor |
|
CAT1640JI-25TE13 Fiches technique(HTML) 3 Page - Catalyst Semiconductor |
3 / 18 page 3 Advance Information CAT1640, CAT1641 Doc No. 25082, Rev. 00 D.C. OPERATING CHARACTERISTICS VCC = +3.0V to +5.5V and over the recommended temperature conditions unless otherwise specified. Notes: 1. This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested. 2. VIL min and VIH max are reference values only and are not tested. ABSOLUTE MAXIMUM RATINGS Temperature Under Bias .................... -40 °C to +85°C Storage Temperature ........................ -65 °C to +105°C Voltage on any Pin with Respect to Ground(1) ............. -0.5V to +VCC +2.0V VCC with Respect to Ground ................ -0.5V to +7.0V Package Power Dissipation Capability (TA = 25 °C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300 °C Output Short Circuit Current(1) ........................ 100 mA Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. Note: (1) Output shorted for no more than one second. No more than one output shorted at a time. l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tn i Mp y Tx a Ms t i n U I I L t n e r r u C e g a k a e L t u p n IV N I c c V o t D N G =2 -0 1A µ I O L t n e r r u C e g a k a e L t u p t u OV N I c c V o t D N G =0 1 -0 1A µ I 1 C C ) e t i r W ( t n e r r u C y l p p u S r e w o P f L C S z H k 0 0 4 = V C C V 5 . 5 = 3A m I 2 C C ) d a e R ( t n e r r u C y l p p u S r e w o P f L C S z H k 0 0 4 = V C C V 5 . 5 = 1A m I B S t n e r r u C y b d n a t S , V 5 . 5 = c c V V N I c c V r o D N G = 0 4A µ V L I 2 e g a t l o V w o L t u p n I5 . 0 -c c V x 3 . 0V V H I 2 e g a t l o V h g i H t u p n Ic c V x 7 . 05 . 0 + c c VV V L O e g a t l o V w o L t u p t u O , A D S ( T E S E R ) I L O A m 3 = V C C V 0 . 3 = 4 . 0V V H O e g a t l o V h g i H t u p t u O ) T E S E R ( I H O A m 4 . 0 - = V C C V 0 . 3 = - c c V 5 7 . 0 V V H T d l o h s e r h T t e s e R 5 4 - x 4 6 1 T A C V ( C C ) V 5 = 0 5 . 45 7 . 4 V 2 4 - x 4 6 1 T A C V ( C C ) V 5 = 5 2 . 40 5 . 4 0 3 - x 4 6 1 T A C V ( C C ) V 3 . 3 = 0 0 . 35 1 . 3 8 2 - x 4 6 1 T A C V ( C C ) V 3 . 3 = 5 8 . 20 0 . 3 5 2 - x 4 6 1 T A C V ( C C ) V 3 = 5 5 . 20 7 . 2 V D I L A V R 1 V d il a V t u p t u O t e s e R C C e g a t l o V0 0 . 1V V T R 1 s i s e r e t s y H d l o h s e r h T t e s e R5 1V m |
Numéro de pièce similaire - CAT1640JI-25TE13 |
|
Description similaire - CAT1640JI-25TE13 |