Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E197 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC10E197
Description  DATA SEPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E197 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC10E197 Datasheet HTML 1Page - ON Semiconductor MC10E197 Datasheet HTML 2Page - ON Semiconductor MC10E197 Datasheet HTML 3Page - ON Semiconductor MC10E197 Datasheet HTML 4Page - ON Semiconductor MC10E197 Datasheet HTML 5Page - ON Semiconductor MC10E197 Datasheet HTML 6Page - ON Semiconductor MC10E197 Datasheet HTML 7Page - ON Semiconductor MC10E197 Datasheet HTML 8Page - ON Semiconductor MC10E197 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC10E197
2–5
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
Idle Mode
In the absence of data or when the drive is writing to the disk,
PLL servoing is accomplished by pulling the read enable line
(RDEN) low and providing a reference clock via the REFCLK
pins. The condition whereby RDEN is low selects the
Phase/Frequency detector (Figure 1) and the 10E197 is said
to be operating in the “idle mode”. In order to function as a
frequency detector the input waveform must be periodic. The
pump up and pump down pulses from the Phase/Frequency
detector will have the same frequency, phase and pulse width
only when the two clocks that are being compared have their
positive edges aligned and are of the same frequency.
As with the data phase detector, by using suitable external
filter circuitry, a VCO input control signal can be generated by
inverting the pump down signal, summing the inverted signal
with the pump up signal and averaging the result. The polarity
of this control signal is defined as zero when all positive edges
of both clocks are coincident. For the case in which the
frequencies of the two clocks are the same but the clock edges
of the reference clock are slightly advanced with respect to the
VCO clock, the control clock is defined to have a positive
polarity. A control signal with negative polarity occurs when
the edges of the reference clock are delayed with respect to
those of the VCO. If the frequencies of the two clocks are
different, the clock with the most edges per unit time will initiate
the most pulses and the polarity of the detector will reflect the
frequency error. Thus, when the reference clock is high in
frequency than the VCO clock the polarity of the control signal
is positive; whereas a control signal with negative polarity
occurs when the frequency of the reference clock is lower than
the VCO clock.
Phase-Lock Loop Theory
Introduction
Phase lock loop (PLL) circuits are fundamentally feedback
systems used to synchronize the frequency of an oscillator to
an incoming signal. In addition to frequency synchronization,
the PLL circuitry is designed to minimize the phase difference
between the system input and output signals. A block diagram
of a feedback control system is shown in Figure 1.
where:
A(s) is the product of the feed-forward transfer functions.
Figure 1. Feedback System
Xi(s)
Xo(s)
A(s)
β(s)
+
Xe(s)
R
β(s) is the product of the feedback transfer functions.
The transfer function for this closed loop system is
Xo(s)
Xi(s)
=
A(s)
1 + A(s)
β(s)
Typically, phase lock loops are modeled as feedback
systems connected in a unity feedback configuration (
β(s)=1)
with a phase detector, a VCO (voltage controlled oscillator),
and a loop filter in the feed-forward path, A(s). Figure 2
illustrates a phase lock loop as a feedback control system in
block diagram form.
LOOP FILTER
F(s)
Fi
Fo
PHASE
DETECTOR
Kf
VCO
Ko
s
Figure 2. Phase Lock Loop Block Diagram
The closed loop transfer function is:
Xo(s)
Xi(s)
=
K
φ
Ko
s
F(s)
Ko
s
1 + K
φ
F(s)
where:
K
φ= the phase detector gain.
Ko= the VCO gain. Since the VCO introduces a
pole at the origin of the s-plane, Ko is divided
by s.
F(s) = the transfer function of the loop filter.
The 10E197 is designed to implement the phase detector
and VCO functions in a unity feedback loop, while allowing the
user to select the desired filter function.
Gain Constants
As mentioned, each of the three sections in the phase lock
loop block diagram has an associated open loop gain
constant. Further, the gain constant of the filter circuitry is
composed of the product of three gain constants, one for each
filter subsection. The open loop gain constant of the
feed-forward path is given by
Kol = K
φ * Ko * K1 * Kl * Kd
eqt. 1
and obtained by performing a root locus analysis.
Phase Detector Gain Constant
The gain of the phase detector is a function of the operating
mode and the data pattern. The 10E197 provides data


Numéro de pièce similaire - MC10E197

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
MC10E197FN ONSEMI-MC10E197FN Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
MC10E197FNR2 ONSEMI-MC10E197FNR2 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
MC10E197 ONSEMI-MC10E197_06 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
More results

Description similaire - MC10E197

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197_06 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
logo
List of Unclassifed Man...
FDC9216B ETC-FDC9216B Datasheet
191Kb / 4P
   FLOPPY DISK DATA SEPARATOR FDDS
SED9420CAC ETC1-SED9420CAC Datasheet
157Kb / 4P
   CMOS DATA SEPARATOR FOR FDD
logo
National Semiconductor ...
DP8470 NSC-DP8470 Datasheet
433Kb / 12P
   Floppy Disk Support Chip Data Separator & Write Precompensation
logo
Festo Corporation.
HPV-14-20-A FESTO-HPV-14-20-A Datasheet
86Kb / 2P
   Feed separator
HPV-22-60-A FESTO-HPV-22-60-A Datasheet
86Kb / 2P
   Feed separator
HPVS-10-10-A FESTO-HPVS-10-10-A Datasheet
89Kb / 2P
   Feed separator
HPVS-14-20-A FESTO-HPVS-14-20-A Datasheet
86Kb / 2P
   Feed separator
HPVS-14-40-A FESTO-HPVS-14-40-A Datasheet
87Kb / 2P
   Feed separator
HPV-22-30-A FESTO-HPV-22-30-A Datasheet
86Kb / 2P
   Feed separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com