Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100E195 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC100E195
Description  PROGRAMMABLE DELAY CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E195 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC100E195 Datasheet HTML 1Page - ON Semiconductor MC100E195 Datasheet HTML 2Page - ON Semiconductor MC100E195 Datasheet HTML 3Page - ON Semiconductor MC100E195 Datasheet HTML 4Page - ON Semiconductor MC100E195 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10E195 MC100E195
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
VCCO
ADDRESS BUS (A0–A6)
A7
INPUT
D1
D0
LEN
VEE
IN
IN
VBB
VCC
VCCO
Q
Q
D1
D0
LEN
VEE
IN
IN
VBB
VCC
VCCO
Q
Q
VCCO
OUTPUT
E195
Chip #1
E195
Chip #2
Figure 1. Cascading Interconnect Architecture
Cascading Multiple E195’s
To increase the programmable range of the E195 internal
cascade circuitry has been included. This circuitry allows for
the cascading of multiple E195’s without the need for any
external gating. Furthermore this capability requires only one
more address line per added E195. Obviously cascading
multiple PDC’s will result in a larger programmable range
however this increase is at the expense of a longer minimum
delay.
Figure 1 illustrates the interconnect scheme for cascading
two E195’s. As can be seen, this scheme can easily be
expanded for larger E195 chains. The D7 input of the E195 is
the cascade control pin. With the interconnect scheme of
Figure 1 when D7 is asserted it signals the need for a larger
programmable range than is achievable with a single device.
An expansion of the latch section of the block diagram is
pictured below. Use of this diagram will simplify the
explanation of how the cascade circuitry works. When D7 of
chip #1 above is low the cascade output will also be low while
the cascade bar output will be a logical high. In this condition
the SET MIN pin of chip #2 will be asserted and thus all of the
latches of chip #2 will be reset and the device will be set at its
minimum delay. Since the RESET and SET inputs of the
latches are overriding any changes on the A0–A6 address bus
will not affect the operation of chip #2.
Chip #1 on the other hand will have both SET MIN and SET
MAX de-asserted so that its delay will be controlled entirely by
the address bus A0–A6. If the delay needed is greater than
can be achieved with 31.75 gate delays (1111111 on the
A0–A6 address bus) D7 will be asserted to signal the need to
cascade the delay to the next E195 device. When D7 is
asserted the SET MIN pin of chip #2 will be de-asserted and
the delay will be controlled by the A0–A6 address bus. Chip #1
on the other hand will have its SET MAX pin asserted resulting
in the device delay to be independent of the A0–A6 address
bus.
When the SET MAX pin of chip #1 is asserted the D0 and D1
latches will be reset while the rest of the latches will be set. In
addition, to maintain monotonicity an additional gate delay is
selected in the cascade circuitry. As a result when D7 of chip
#1 is asserted the delay increases from 31.75 gates to 32
gates. A 32 gate delay is the maximum delay setting for the
E195.
To expand this cascading scheme to more devices one
simply needs to connect the D7 input and CASCADE outputs
of the current most significant E195 to the new most significant
E195 in the same manner as pictured in Figure 1. The only
addition to the logic is the increase of one line to the address
bus for cascade control of the second PDC.
SET MIN
SET MAX
TO SELECT MULTIPLEXERS
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
D0
Q0
LEN
Reset Reset
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
LEN
LEN
LEN
LEN
LEN
LEN
LEN
CASCADE
CASCADE
Figure 2. Expansion of the Latch Section of the E195 Block Diagram
Reset Reset
Reset Reset
Reset Reset
Reset Reset
Reset Reset
Reset Reset
Reset Reset


Numéro de pièce similaire - MC100E195

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100E195 ONSEMI-MC100E195 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100E195FN ONSEMI-MC100E195FN Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100E195FNG ONSEMI-MC100E195FNG Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100E195FNG ONSEMI-MC100E195FNG Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100E195FNR2 ONSEMI-MC100E195FNR2 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results

Description similaire - MC100E195

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195 Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com