Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24WC164 Fiches technique(PDF) 3 Page - Catalyst Semiconductor

No de pièce CAT24WC164
Description  16K-Bit Serial EEPROM, Cascadable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC164 Fiches technique(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC164 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24WC164
3
Doc. No. 1026, Rev. I
Write Cycle Limits
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
5
ms
A.C. CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Read & Write Cycle Limits
Symbol
Parameter
1.8 V - 6.0 V
2.5 V - 6.0 V
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
TI(1)
Noise Suppression Time
200
200
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out
3.5
1
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
50
50
ns
tR(1)
SDA and SCL Rise Time
1
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
Power-Up Timing(1)(2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Numéro de pièce similaire - CAT24WC164

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC164 CATALYST-CAT24WC164 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JA-1.8TE13 CATALYST-CAT24WC164JA-1.8TE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JATE13 CATALYST-CAT24WC164JATE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JE-1.8TE13 CATALYST-CAT24WC164JE-1.8TE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JETE13 CATALYST-CAT24WC164JETE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
More results

Description similaire - CAT24WC164

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC164 CATALYST-CAT24WC164_1 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
logo
Microchip Technology
24AA164 MICROCHIP-24AA164 Datasheet
124Kb / 12P
   16K 1.8V Cascadable I2CTM Serial EEPROM
1999
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
Samsung semiconductor
S524L50X51 SAMSUNG-S524L50X51 Datasheet
140Kb / 20P
   16K-bit Serial EEPROM
logo
Ceramate Technical
24LLC16 CERAMATE-24LLC16 Datasheet
670Kb / 22P
   16K-Bit-Serial EEPROM
logo
Samsung semiconductor
S524L50D51 SAMSUNG-S524L50D51 Datasheet
142Kb / 20P
   16K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com