Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT8920 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce LT8920
Description  Long range 2.4GHz Radio Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  LT8920 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 5Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 6Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 7Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 8Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
LT8920 Datasheet V1.1
Page 2
Jan. 2017
1. Block Diagram
Low Dropout
Voltage Reg.
Digital State
Machine and
Register Block
Data Framing
Buffer and Logic
Incl. CRC, FEC,
whitening
Incl. AutoAck,
Auto retry
oscillator/
buffer
2.4 GHz
GFSK Transmitter
RF
Synthesizer
Analog
PLL
(APLL)
Freq. control
2.4 GHz
GFSK Receiver
Exposed
Pad
SPI_SS
CLK
MISO/12C_DAT
MOSI/A4
Data
Ground Connections
LDO_OUT
LDO_VDD
VDD
VDD_IO
1
2
5
6
7
19
22
21
20
10
11
14
17
16
15
8
13
18
12
23
24
9
3
4
digital
baseband
interface
Tx Data
Clk
2
T
R
Balanced
RF in/out
I2C_SEL
FIFO
PKT
RST_n
BRCLK
XTALO
XTALI
Vss
Vss
2
Cik
RSSI
Xtal trim
ANTb
ANT
2
power connections


Numéro de pièce similaire - LT8920

FabricantNo de pièceFiches techniqueDescription
logo
LETEX TECHNOLOGY CORP.
LT890 LETEX-LT890 Datasheet
102Kb / 3P
   Photo DMOS-FET Relay
LT891 LETEX-LT891 Datasheet
172Kb / 3P
   Photo DMOS-FET Relay
More results

Description similaire - LT8920

FabricantNo de pièceFiches techniqueDescription
logo
AUREL S.p.A.
650201347G AUREL-650201347G Datasheet
107Kb / 1P
   Half-duplex Long Range Transceiver 869 MHz Long Range GFSK Transceiver
15.10.2016 - Rev A
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
logo
Dorji Industrial Group ...
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
   500mW Long Range Lora Data Radio Modem
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
   Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
Micro Linear Corporatio...
ML2712-1 MICRO-LINEAR-ML2712-1 Datasheet
174Kb / 2P
   2.4GHz FHSS Radio Chipset
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com