Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THX203H Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce THX203H
Description  Switching Power Controller IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

THX203H Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  THX203H Datasheet HTML 1Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 2Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 3Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 4Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 5Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 6Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 7Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 8Page - List of Unclassifed Manufacturers THX203H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
PWM Controller of High-performance Current Mode
THX203H
Electric Parameter (Ta=25℃, Vcc=5.5-7.5V, Ct=680PF, RS=1Ω)
Output
Item
Testing condition
Minimum Typical Maximum Unit
Maximum
pressure
resistance
of
switching tube
Ioc=10mA
700
-
-
V
on-saturation pressure
drop
Ioc=600mA
-
-
1
V
Output rise-time
CL=1nF
-
-
75
ns
Output fall-time
CL=1nF
-
-
75
ns
Output limit current Tj=0-100℃
540
580
620
mA
OE clamp voltage
OE=0.001-0.60A
-
1.5
-
V
Reference
Item
Testing condition
Minimum Typical Maximum Unit
Reference
output
voltage
Io=1.0mA
2.4
2.5
2.6
V
power
adjustment
ratio
Vcc=5.5-9V
-
2
20
mV
Load
adjustment
ratio
Io=0.1-1.2mA
-
-
3
%
Temperature stability
-
0.2
-
mV/℃
Output noise voltage F=10Hz-10KHz
-
-
50
μV
Long-term stability Operate
1000h
under
the
condition of T=85℃
-
5
-
mV
Oscillator
Item
Testing condition
Minimum Typical Maximum Unit
Oscillating frequency Ct=680PF
55
61
67
KHz
Frequency
change
ratio with voltage
Vcc=5.5-9V
-
-
1
%
Frequency change rate
with temperature
Ta=0-85℃
-
-
1
%
Vibration amplitude of
oscillator(Vp-p)
-
2.5
-
V
Drop
edge
ofCt=330PF
oscillator
-
800
-
ns
Feedback
Item
Testing condition
Minimum Typical Maximum Unit
Pull-up
current
-
0.50
0.60
mA
Input
impedance pull-down
resistance
-
30
-
KΩ
Power supply rejection
ratio
Vcc=5.5-9V
-
60
70
dB
- 5 -


Numéro de pièce similaire - THX203H

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
THX201 ETC-THX201 Datasheet
592Kb / 6P
   THX201
2005/12/6
THX202H ETC-THX202H Datasheet
559Kb / 21P
   PWM Controller of High-performance Current Mode
THX208 ETC2-THX208 Datasheet
804Kb / 22P
   High-performance current - mode PWM regulator
THX208-7V ETC2-THX208-7V Datasheet
804Kb / 22P
   High-performance current - mode PWM regulator
THX208-8V ETC2-THX208-8V Datasheet
804Kb / 22P
   High-performance current - mode PWM regulator
More results

Description similaire - THX203H

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LN5R12C ETC2-LN5R12C Datasheet
161Kb / 3P
   LN5R12C AC / DC Switching power supply controller IC
logo
Microsemi Corporation
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
   SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
logo
List of Unclassifed Man...
DDA005 ETC2-DDA005 Datasheet
100Kb / 1P
   POWER Controller IC
logo
Rohm
BD2270HFV ROHM-BD2270HFV_09 Datasheet
262Kb / 13P
   MOSFET Controller IC for Load Switching
logo
List of Unclassifed Man...
P2808 ETC1-P2808 Datasheet
96Kb / 1P
   Power Controller IC, MOSFET
logo
Renesas Technology Corp
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ-E ROHM-BD7690FJ-E Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com