Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMD835K Fiches technique(PDF) 1 Page - Soshin electric Co., Ltd.

No de pièce HMD835K
Description  5GHz BPF for Wireless LAN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOSHIN [Soshin electric Co., Ltd.]
Site Internet  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

HMD835K Fiches technique(HTML) 1 Page - Soshin electric Co., Ltd.

  HMD835K Datasheet HTML 1Page - Soshin electric Co., Ltd. HMD835K Datasheet HTML 2Page - Soshin electric Co., Ltd. HMD835K Datasheet HTML 3Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HMD835K 5GHz BPF for Wireless LAN
Applications
5GHz BPF for Wireless LAN
Specifications
HMD835K
Zin/Zout
50 ohm Nominal
Fc
5425MHz Nominal
Pass Band
4900-5950MHz
Insertion Loss
2.0 dB max at 25 Deg.C
Ripple
1.5 dB max
V.S.W.R
2.0 max (4900-5950MHz)
40 dB min (1280-3300MHz)
25 dB min (3300-4000MHz)
7 dB min (4375-4465MHz)
14 dB min (7300-8930MHz)
25 dB min (9800-11900MHz
Order Unit
2000pcs/Reel
Dimensions
Attenuation


Numéro de pièce similaire - HMD835K

FabricantNo de pièceFiches techniqueDescription
logo
Vaisala
HMD83 VAISALA-HMD83 Datasheet
762Kb / 4P
   HMDW80 Series Humidity and Temperature Transmitters
HMD83D VAISALA-HMD83D Datasheet
762Kb / 4P
   HMDW80 Series Humidity and Temperature Transmitters
More results

Description similaire - HMD835K

FabricantNo de pièceFiches techniqueDescription
logo
Soshin electric Co., Lt...
MDR774M SOSHIN-MDR774M Datasheet
139Kb / 4P
   2.4GHz BPF for Wireless LAN
MDR775M SOSHIN-MDR775M Datasheet
140Kb / 4P
   2.4GHz BPF for Wireless LAN
MDR762F SOSHIN-MDR762F Datasheet
140Kb / 4P
   5375MHz BPF for Wireless LAN
HMD844H SOSHIN-HMD844H Datasheet
141Kb / 4P
   2.4GHz BPF for Wireless LAN & Bluetooth
HMD845H SOSHIN-HMD845H Datasheet
207Kb / 4P
   2.4GHz BPF for Wireless LAN & Bluetooth
HMD966U SOSHIN-HMD966U Datasheet
117Kb / 3P
   5GHz Balun for Wireless LAN
HMD888J SOSHIN-HMD888J Datasheet
151Kb / 4P
   Diplexer for Wireless LAN (2.4GHz/5GHz)
HMD881J SOSHIN-HMD881J Datasheet
218Kb / 4P
   Diplexer for Wireless LAN (2.4GHz/5GHz)
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
   For wireless LAN
logo
TOKO, Inc
TDF2A-2450T-10A TOKO-TDF2A-2450T-10A Datasheet
210Kb / 4P
   TDF series for Wireless LAN
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com