Moteur de recherche de fiches techniques de composants électroniques |
|
SD103R25S20PSC Fiches technique(PDF) 2 Page - International Rectifier |
|
SD103R25S20PSC Fiches technique(HTML) 2 Page - International Rectifier |
2 / 10 page 110A FAST RECOVERY DIODES Stud Version SD103N/R SERIES Bulletin I2062/A Features High power FAST recovery diode series 1.0 to 2.0 µs recovery time High voltage ratings up to 2500V High current capability Optimized turn on and turn off characteristics Low forward recovery Fast and soft reverse recovery Compression bonded encapsulation Stud version JEDEC DO-30 Maximum junction temperature 125°C Typical Applications Snubber diode for GTO High voltage free-wheeling diode Fast recovery rectifier applications I F(AV) 110 A @ T C 85 °C I F(RMS) 173 A I FSM @ 50Hz 3570 A @ 60Hz 3730 A I 2t @ 50Hz 64 KA 2s @ 60Hz 58 KA 2s V RRM range 400 to 2500 V t rr range 1.0 to 2.0 µs @ T J 25 °C T J - 40 to 125 °C Parameters SD103N/R Units Major Ratings and Characteristics case style DO-205AC (DO-30) Next Data Sheet Index Previous Datasheet To Order |
Numéro de pièce similaire - SD103R25S20PSC |
|
Description similaire - SD103R25S20PSC |