Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5941RHBR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5941RHBR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5941RHBR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TLC5941RHBR Datasheet HTML 7Page - Texas Instruments TLC5941RHBR Datasheet HTML 8Page - Texas Instruments TLC5941RHBR Datasheet HTML 9Page - Texas Instruments TLC5941RHBR Datasheet HTML 10Page - Texas Instruments TLC5941RHBR Datasheet HTML 11Page - Texas Instruments TLC5941RHBR Datasheet HTML 12Page - Texas Instruments TLC5941RHBR Datasheet HTML 13Page - Texas Instruments TLC5941RHBR Datasheet HTML 14Page - Texas Instruments TLC5941RHBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
PRINCIPLES OF OPERATION
SERIAL INTERFACE
SCLK
SOUT
SIN
MODE
Vcc
DC n
MSB
GS
MSB
X
1
1
XLAT
DC n
LSB
96
192
GS
LSB
193
DC n+1
MSB
DC n+1
MSB−1
1
DC n
MSB
DC n
LSB
DC
MSB
GS
MSB
SID
MSB
X
2
th3
tsu3
th3
tsu2
th2
tsu2
th2
DC Mode Data
Input Cycle
GS Mode Data
Input Cycle
DC Mode Data
Input Cycle
X
ERROR INFORMATION OUTPUT
TLC5941
SLVS589 – JULY 2005
The TLC5941 includes a flexible serial interface, which can be connected to microcontrollers or digital signal
processors in various ways. Only 3 pins are needed to input data into the device. The rising edge of SCLK signal
shifts the data from the SIN pin to the internal register. After all data is clocked in, a rising edge of XLAT latches
the serial data to the internal registers. All data are clocked in with the MSB first. Multiple TLC5941 devices can
be cascaded by connecting the SOUT pin of one device with the SIN pin of the following device. The SOUT pin
can also be connected to the controller to receive status information from the TLC5941. The serial data format is
96-bit or 192-bit wide, depending on programming mode of the device.
Figure 6. Serial Data Input Timing Chart
The open-drain output XERR is used to report both of the TLC5941 error flags, TEF and LOD. During normal
operating conditions, the internal transistor connected to the XERR pin is turned off. The voltage on XERR is
pulled up to VCC through an external pullup resistor. If TEF or LOD is detected, the internal transistor is turned
on, and XERR is pulled to GND. Because XERR is an open-drain output, multiple ICs can be ORed together and
pulled up to VCC with a single pullup resistor. This reduces the number of signals needed to report a system error
(see Figure 13).
To differentiate LOD and TEF signal from XERR pin, LOD can be masked out with BLANK = HIGH.
Table 1. XERR Truth Table
ERROR CONDITION
ERROR INFORMATION
SIGNALS
TEMPERATURE
OUTn VOLTAGE
TEF
LOD
BLANK
XERR
TJ < T(TEF)
Don't Care
L
X
H
H
TJ > T(TEF)
Don't Care
H
X
L
OUTn > V(LED)
L
L
H
TJ < T(TEF)
OUTn < V(LED)
L
H
L
L
OUTn > V(LED)
H
L
L
TJ > T(TEF)
OUTn < V(LED)
H
H
L
11


Numéro de pièce similaire - TLC5941RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5941RHBR TI1-TLC5941RHBR Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBR TI1-TLC5941RHBR Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBRG4 TI1-TLC5941RHBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBRG4 TI1-TLC5941RHBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Description similaire - TLC5941RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com