Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E122 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10E122
Description  9-BIT BUFFER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E122 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10E122 Datasheet HTML 1Page - ON Semiconductor MC10E122 Datasheet HTML 2Page - ON Semiconductor MC10E122 Datasheet HTML 3Page - ON Semiconductor MC10E122 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VCCO
VCCO
NC
NC
NC
D8
LOGIC DIAGRAM
D7
D6
D5
VEE
D4
D3
D2
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
VCCO
Q8
Q7
Q6
VCC
Q5
Q4
VCCO
Q3
D1
D0
VCCO Q0
Q1
Q2
D0
D1
D2
D3
D4
D5
D6
D7
D8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
9Bit Buffer
The MC10E/100E122 is a 9-bit buffer. The device contains nine
non-inverting buffer gates.
500ps Max. Propagation Delay
Extended 100E VEE Range of – 4.2V to – 5.46 V
75kΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
D0 – D8
Data Inputs
Q0 – Q8
Data Outputs
MC10E122
MC100E122
9-BIT BUFFER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Numéro de pièce similaire - MC10E122

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
MC10E122FN ONSEMI-MC10E122FN Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
MC10E122FNG ONSEMI-MC10E122FNG Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
MC10E122FNR2 ONSEMI-MC10E122FNR2 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
MC10E122FNR2G ONSEMI-MC10E122FNR2G Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
More results

Description similaire - MC10E122

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
   9-BIT BUFFER
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
   9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
   9-BIT BUFFER
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
100322 NSC-100322 Datasheet
104Kb / 6P
   Low Power 9-Bit Buffer
logo
Fairchild Semiconductor
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
   Low Power 9-Bit Buffer
logo
National Semiconductor ...
F100322 NSC-F100322 Datasheet
184Kb / 6P
   Low Power 9-Bit Buffer
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com