Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10231 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10231
Description  High Speed Dual Type D Master-Slave Flip-Flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10231 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10231 Datasheet HTML 1Page - ON Semiconductor MC10231 Datasheet HTML 2Page - ON Semiconductor MC10231 Datasheet HTML 3Page - ON Semiconductor MC10231 Datasheet HTML 4Page - ON Semiconductor MC10231 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–202
REV 5
© Motorola, Inc. 1996
3/93
High Speed Dual Type D
Master-Slave Flip-Flop
The MC10231 is a dual master–slave type D flip–flop. Asynchronous Set (S)
and Reset (R) override Clock (CC) and Clock Enable (CE) inputs. Each flip–flop
may be clocked separately by holding the common clock in the low state and
using the enable inputs for the clocking function. If the common clock is to be
used to clock the flip–flop, the Clock Enable inputs must be in the low state. In
this case, the enable inputs perform the function of controlling the common
clock.
The output states of the flip–flop change on the positive transition of the
clock. A change in the information present at the data (D) input will not affect the
output information at any other time due to master–slave construction.
PD = 270 mW typ/pkg (No Load)
tpd = 2 ns typ
tTog= 225 MHz typ
tr, tf = 2.0 ns typ (20%–80%)
R2 13
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
S1 5
D1 7
CE1 6
R1 4
CC 9
CE2 11
D2 10
S2 12
Q1
Q1
Q2
Q2
2
3
15
14
CLOCKED TRUTH TABLE
R–S TRUTH TABLE
C
D
Qn+1
R
S
Qn+1
L
X
Qn
L
L
Qn
H
L
L
L
H
H
H
H
H
H
L
L
C = CE + CC. A clock H is a clock
transition from a low to a high state.
H
H
N.D.
N.D. = Not Defined
MC10231
DIP
PIN ASSIGNMENT
VCC1
Q1
Q1
R1
S1
CE1
D1
VEE
VCC2
Q2
Q2
R2
S2
CE2
D2
CC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Numéro de pièce similaire - MC10231

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10231 ONSEMI-MC10231 Datasheet
113Kb / 8P
   High Speed Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10231FN ONSEMI-MC10231FN Datasheet
113Kb / 8P
   High Speed Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10231L ONSEMI-MC10231L Datasheet
113Kb / 8P
   High Speed Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10231P ONSEMI-MC10231P Datasheet
113Kb / 8P
   High Speed Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10231 ONSEMI-MC10231_02 Datasheet
113Kb / 8P
   High Speed Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
More results

Description similaire - MC10231

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10231 ONSEMI-MC10231_02 Datasheet
113Kb / 8P
   High Speed Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10131 ONSEMI-MC10131 Datasheet
111Kb / 5P
   Dual TYPE D Master-Slave Flip-Flop
1996 REV 5
MC10131 ONSEMI-MC10131_02 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
   Hex D Master-Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176_02 Datasheet
109Kb / 8P
   Hex D Master/Slave Flip-Flop
January, 2002 ??Rev. 7
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com