Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3824-25QDBVRQ1 Fiches technique(PDF) 2 Page - Texas Instruments |
|
TPS3824-25QDBVRQ1 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 13 page TPS3820-xx-Q1, TPS3823-xx-Q1, TPS3824-xx-Q1, TPS3825-xx-Q1, TPS3828-xx-Q1 PROCESSOR SUPERVISORY CIRCUITS SGLS143A – DECEMBER 2002 – REVISED JANUARY 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) During power-on, RESET is asserted when supply voltage VDD becomes higher than 1.1 V. Thereafter, the supply voltage supervisor monitors VDD and keeps RESET active as long as VDD remains below the threshold voltage VIT–. An internal timer delays the return of the output to the inactive state (high) to ensure proper system reset. The delay time, td, starts after VDD has risen above the threshold voltage VIT–. When the supply voltage drops below the threshold voltage VIT–, the output becomes active (low) again. No external components are required. All the devices of this family have a fixed-sense threshold voltage VIT– set by an internal voltage divider. The TPS3820/3/5/8 devices incorporate a manual reset input, MR. A low level at MR causes RESET to become active. The TPS3824/5 devices include a high-level output RESET. TPS3820/3/4/8 have a watchdog timer that is periodically triggered by a positive or negative transition at WDI. When the supervising system fails to retrigger the watchdog circuit within the time-out interval, ttout, RESET becomes active for the time period td. This event also reinitializes the watchdog timer. Leaving WDI unconnected disables the watchdog. In applications where the input to the WDI pin may be active (transitioning high and low) when the TPS3820/3/4/8 is asserting RESET, the TPS3820/3/4/8 does not return to a non-reset state when the input voltage is above Vt. If the application requires that input to WDI is active when RESET is asserted, WDI must be decoupled from the active signal. This can be accomplished by using an N-channel FET in series with the WDI pin, with the gate of the FET connected to the RESET output as shown in Figure 1. WDI RESET TPS3824 WDI External Figure 1 The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available in a 5-pin SOT23-5 package. The TPS382x-xxQ-Q1 devices are characterized for operation over a temperature range of –40 °C to 125°C, and are qualified in accordance with AEC-Q100 stress test qualification for integrated circuits. |
Numéro de pièce similaire - TPS3824-25QDBVRQ1 |
|
Description similaire - TPS3824-25QDBVRQ1 |