Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC299AF Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74HC299AF
Description  8-Bit PIPO Shift Register with Asynchronous Clear
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC299AF Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74HC299AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC299AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74HC299AP/AF
2004-12-10
5
電気的特性
DC 特性
測定条 件
Ta
= 25°C
Ta
= −40~85°C
項目
記号
VCC
(V)
最小
標準
最大
最小
最大
単位
“H” レベル
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
入力電圧
“L” レベル
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
VIN
= VIH or VIL
IOH = −20 µA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
QA’, Q’H
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
“H” レベル
VOH
QA~QH
IOH = −6 mA
IOH = −7.8 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
VIN
= VIH or VIL
IOL = 20 µA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
QA’, Q’H
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
出力電圧
“L” レベル
VOL
QA~QH
IOL = 6 mA
IOL = 7.8 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
スリース テート
オフリー ク電流
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
6.0
±0.5
±5.0
µA
入力
電流
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
µA
静的消費電流
ICC
VIN = VCC or GND
6.0
4.0
40.0
µA


Numéro de pièce similaire - TC74HC299AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
More results

Description similaire - TC74HC299AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com