Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S-19214 Fiches technique(PDF) 26 Page - ABLIC Inc.

No de pièce S-19214
Description  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABLIC [ABLIC Inc.]
Site Internet  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19214 Fiches technique(HTML) 26 Page - ABLIC Inc.

Back Button S-19214 Datasheet HTML 22Page - ABLIC Inc. S-19214 Datasheet HTML 23Page - ABLIC Inc. S-19214 Datasheet HTML 24Page - ABLIC Inc. S-19214 Datasheet HTML 25Page - ABLIC Inc. S-19214 Datasheet HTML 26Page - ABLIC Inc. S-19214 Datasheet HTML 27Page - ABLIC Inc. S-19214 Datasheet HTML 28Page - ABLIC Inc. S-19214 Datasheet HTML 29Page - ABLIC Inc. S-19214 Datasheet HTML 30Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
S-19214 Series
Rev.1.1_00
26
3. Dropout voltage vs. Output current
3. 1 VOUT = 5.0 V
3. 2 VOUT = 12.0 V
1200
0
IOUT [mA]
1000
800
600
400
200
0.00
1.20
0.60
0.20
0.80
0.40
1.00
Tj =
+125°C
Tj =
+25°C
Tj =
−40°C
1200
0
IOUT [mA]
1000
800
600
400
200
0.00
1.20
0.60
0.20
0.80
0.40
1.00
Tj =
+125°C
Tj =
+25°C
Tj =
−40°C
4. Dropout voltage vs. Junction temperature
4. 1 VOUT = 5.0 V
4. 2 VOUT = 12.0 V
0.00
0.30
0.25
0.20
0.15
0.10
0.05
Tj [
°C]
−40 −25
0
25
50
75
100 125
IOUT = 50 mA
IOUT = 200 mA
0.00
0.30
0.25
0.20
0.15
0.10
0.05
Tj [
°C]
−40 −25
0
25
50
75
100 125
IOUT = 50 mA
IOUT = 200 mA
5. Dropout voltage vs. Set output voltage (Ta =
+25°C)
12.0
2.0
0.00
VOUT [V]
10.0
8.0
6.0
4.0
0.30
0.25
0.20
0.15
0.10
0.05
IOUT = 50 mA
IOUT = 100 mA
IOUT = 200 mA


Numéro de pièce similaire - S-19214

FabricantNo de pièceFiches techniqueDescription
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212B25A-E6T1U ABLIC-S-19212B25A-E6T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E8T1U SII-S-19212B25A-E8T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
More results

Description similaire - S-19214

FabricantNo de pièceFiches techniqueDescription
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com