Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2028-19 Fiches technique(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

No de pièce LM2028-19
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Site Internet  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2028-19 Fiches technique(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2028-19 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2028-19 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-19
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-19-Manual-Rev0.2
Page: 9 of 9
5. Design and Handling Precaution
1.
The LCD panel is made by glass. Any mechanical shock (eg. dropping form high place)
will damage the LCD module.
2.
Do not add excessive force on the surface of the display, which may cause the Display
color change abnormally.
3.
The polarizer on the LCD is easily get scratched. If possible, do not remove the LCD
protective film until the last step of installation.
4.
Never attempt to disassemble or rework the LCD module.
5.
Only Clean the LCD with Isopropyl Alcohol or Ethyl Alcohol. Other solvents (eg. water)
may damage the LCD.
6.
When mounting the LCD module, make sure that it is free form twisting, warping and
distortion.
7.
Ensure to provide enough space (with cushion) between case and LCD panel to
prevent external force adding on it, or it may cause damage to the LCD or degrade the
display result.
8.
Only hold the LCD module by its side. Never hold LCD module by add force on the heat
seal or TAB.
9.
Never add force to component of the LCD module. It may cause invisible damage or
degrade of the reliability.
10.
LCD module could be easily damaged by static electricity. Be careful to maintain an
optimum anti-static work environment to protect the LCD module.
11.
When peeling off the protective film from LCD, static charge may cause abnormal
display pattern. It is normal and will resume to normal in a short while.
12.
Take care and prevent get hurt by the LCD panel sharp edge.
13.
Never operate the LCD module exceed the absolute maximum ratings.
14.
Keep the signal line as short as possible to prevent noisy signal applying to LCD
module.
15.
Never apply signal to the LCD module without power supply.
16.
IC chip (eg. TAB or COG) is sensitive to the light. Strong lighting environment could
possibly cause malfunction. Light sealing structure casing is recommend.
17.
LCD module reliability may be reduced by temperature shock.
18.
When storing the LCD module, avoid exposure to the direct sunlight, high humidity, high
temperature or low temperature. They may damage or degrade the LCD module


Numéro de pièce similaire - LM2028-19

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen TOPWAY Technol...
LM2028-10 TOPWAY-LM2028-10 Datasheet
1Mb / 9P
   LCD Module User Manual
LM2028-12 TOPWAY-LM2028-12 Datasheet
1Mb / 9P
   LCD Module User Manual
More results

Description similaire - LM2028-19

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com