Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAC97A8 Fiches technique(PDF) 4 Page - WeEn Semiconductors

No de pièce MAC97A8
Description  4Q Triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEEN [WeEn Semiconductors]
Site Internet  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

MAC97A8 Fiches technique(HTML) 4 Page - WeEn Semiconductors

  MAC97A8 Datasheet HTML 1Page - WeEn Semiconductors MAC97A8 Datasheet HTML 2Page - WeEn Semiconductors MAC97A8 Datasheet HTML 3Page - WeEn Semiconductors MAC97A8 Datasheet HTML 4Page - WeEn Semiconductors MAC97A8 Datasheet HTML 5Page - WeEn Semiconductors MAC97A8 Datasheet HTML 6Page - WeEn Semiconductors MAC97A8 Datasheet HTML 7Page - WeEn Semiconductors MAC97A8 Datasheet HTML 8Page - WeEn Semiconductors MAC97A8 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
WeEn Semiconductors
MAC97A8
4Q Triac
MAC97A8
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
15 September 2018
4 / 12
α = 180°
0
0.4
0.8
1.2
0
0.2
0.4
0.6
0.8
IT(RMS) (A)
Ptot
30°
60°
90°
120°
003aaa036
(W)
conduction
angle,
(degrees)
form
factor
a
30
60
90
120
180
2.816
1.967
1.570
1.329
1.110
α
α
α
α = conduction angle
a = form factor = IT(RMS) / IT(AV)
Fig. 3. Total power dissipation as a function of RMS on-
state current; maximum values
10
8
6
4
2
0
1
10
102
103
ITSM
(A)
n
003aaa038
f = 50 Hz
Fig. 4. Non-repetitive peak on-state current as a function
of the number of sinusoidal current cycles; maximum
values
003aaa040
102
10
103
ITSM
(A)
1
tp (s)
10-5
10-1
10-2
10-4
10-3
ITSM
t
IT
Tp
dlT/dt limit
T2- G+ quadrant
tp ≤ 20 ms
Fig. 5. Non-repetitive peak on-state current as a function of pulse width; maximum values


Numéro de pièce similaire - MAC97A8

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A8 ONSEMI-MAC97A8 Datasheet
84Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Unisonic Technologies
MAC97A8 UTC-MAC97A8 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
logo
Inchange Semiconductor ...
MAC97A8 ISC-MAC97A8 Datasheet
55Kb / 1P
   Triacs
logo
Tiger Electronic Co.,Lt...
MAC97A8 TGS-MAC97A8 Datasheet
99Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - MAC97A8

FabricantNo de pièceFiches techniqueDescription
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
Z0107NA0 WEEN-Z0107NA0 Datasheet
383Kb / 13P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com