Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDR54A Fiches technique(PDF) 1 Page - First Silicon Co., Ltd

No de pièce FDR54A
Description  Dual Serles Schottky Barrler Dlodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54A Fiches technique(HTML) 1 Page - First Silicon Co., Ltd

  FDR54A Datasheet HTML 1Page - First Silicon Co., Ltd FDR54A Datasheet HTML 2Page - First Silicon Co., Ltd FDR54A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
3
ANODE
CATHODE
1
CATHODE
2
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF = 10 mAdc
Barrler Dlodes
Dual Serles Schottky
Device
Marking
Shipping
FDR54A
B6
3000/Tape&Reel
ORDERING INFORMATION
We declare that the material of product
compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
FDR54A
2009. 05. 28
1/3
Revision No : 0
SOT –23
1
3
2


Numéro de pièce similaire - FDR54A

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
FDR54ADW FS-FDR54ADW Datasheet
575Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
More results

Description similaire - FDR54A

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
FDR54CE FS-FDR54CE Datasheet
191Kb / 3P
   Dual Serles Schottky Barrler Dlodes
logo
Shanghai Leiditech Elec...
BAT54S LEIDITECH-BAT54S Datasheet
460Kb / 3P
   Dual Serles Schottky Barrler Dlodes
logo
Leshan Radio Company
LBAT54SLT1 LRC-LBAT54SLT1 Datasheet
58Kb / 3P
   Dual Serles Schottky Barrler Dlodes
logo
First Silicon Co., Ltd
FDR54C FS-FDR54C Datasheet
128Kb / 3P
   Dual Serles Schottky Barrler Dlodes
FDR54S FS-FDR54S Datasheet
128Kb / 3P
   Dual Serles Schottky Barrler Dlodes
logo
Gamewell-FCI by Honeywe...
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
   Cooper-Wheelock AS/AH Serles
logo
FCI connector
DCM37S300N FCI-CONNECTOR-DCM37S300N Datasheet
200Kb / 4P
   SUB FEMALE DM HE508 SERLES
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com