Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC9911 Fiches technique(PDF) 3 Page - First Silicon Co., Ltd

No de pièce FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Fiches technique(HTML) 3 Page - First Silicon Co., Ltd

  FC9911 Datasheet HTML 1Page - First Silicon Co., Ltd FC9911 Datasheet HTML 2Page - First Silicon Co., Ltd FC9911 Datasheet HTML 3Page - First Silicon Co., Ltd FC9911 Datasheet HTML 4Page - First Silicon Co., Ltd FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FC9911
2012. 10. 31
3/13
Revision No : 0
Pin Description
Pin #
Pin
Description
1
VIN
This pin is the input of a 250V high voltage regulator.
2
VDD
This is a power supply pin for all internal circuits. It must be bypassed with a low ESR capacitor to GND (at
least 0.1uF).
3
GATE This pin is the output gate driver for an external N-channel power MOSFET
4
GND
Ground return for all circuits. This pin must be connected to the return path from the input.
5
CS
This pin is used to sense the drain current of the external power FET It includes a built-in 100ns (min)
blanking time.
6
SC
Slope compensation for current sense. A resistor between SC and GND will program the slope compensation.
In case of constant off-time mode of operation, slope compensation is unnecessary and the pin can be left
open.
7
RT
This pin sets the frequency or the off-time of the power circuit. A resistor between RT and GND will program
the circuit in constant frequency mode. A resistor between RT and GATE will program the circuit in a constant
off-time mode.
8
SYNC This I/O pin may be connected to the SYNC pin of other FC9911 circuits and will cause the oscillators to lock to
the highest frequency oscillator.
9
CLIM
This pin provides a programmable input current limit for the converter. The current limit can be set by using a
resistor divider from the REF pin. Soft start can also be provided using this pin.
10
REF
This pin provides 2% accurate reference voltage. It must be bypassed with at least a 10nF - 0.22µFcapacitor to
GND.
11
This pin is pulled to ground when there is an output short circuit condition or output over voltage condition.
This pin can be used to drive an external MOSFET in the case of boost converters to disconnect the load from
the source.
FAULT
12
OVP
This pin provides the over voltage protection for the converter. When the voltage at this pin exceeds 1.25V, the
gate output of the FC9911 is turned off and FAULT goes low. The IC will turn on when the power is
recycled.
13
PWMD When this pin is pulled to GND (or left open), switching of the FC9911 is disabled. When an external TTL high
level is applied to it, switching will resume.
14
COMP Stable Closed loop control can be accomplished by connecting a compensation network between COMP and
GND.
15
IREF
The voltage at this pin sets the output current level. The current reference can be set using a resistor divider from
the REF pin.
16
FDBK This pin provides output current feedback to the FC9911 by using a current sense resistor.
Pin Configuration
16-Lead SOIC
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifi cations is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Absolute Maximum Ratings
Parameter
Value
V
IN to GND
-0.5V to +250V
V
DD to GND
-0.3V to +13.5V
CS1, CS2 to GND
-0.3V to (V
DD + 0.3V)
PWMD to GND
-0.3V to (V
DD + 0.3V)
GATE to GND
-0.3V to (V
DD + 0.3V)
All other pins to GND
-0.3V to (V
DD + 0.3V)
Continuous Power Dissipation (T
A = +25°C)
(derate 10.0mW/°C above +25°C)
1000mW
Junction to ambient thermal impedance
82OC/W
Operating ambient temperature range
-40°C to +85°C
Junction temperature
+125°C
Storage temperature range
-65°C to +150°C
VIN
VDD
FDBK
FAULT
COMP
PWMD
IREF
REF
GND
CLIM
CS
GATE
OVP
SC
SYNC
RT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(top view)


Numéro de pièce similaire - FC9911

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
FC9910BP FS-FC9910BP Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
FC9910BX FS-FC9910BX Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
More results

Description similaire - FC9911

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
Bruckewell Technology L...
BW7386 BWTECH-BW7386 Datasheet
273Kb / 8P
   Accuracy Constant Current LED Driver
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
logo
Unisonic Technologies
UL67C UTC-UL67C Datasheet
155Kb / 6P
   HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com