Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYW29EX Fiches technique(PDF) 3 Page - WeEn Semiconductors

No de pièce BYW29EX
Description  Rectifier diodes ultrafast, rugged
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEEN [WeEn Semiconductors]
Site Internet  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYW29EX Fiches technique(HTML) 3 Page - WeEn Semiconductors

  BYW29EX Datasheet HTML 1Page - WeEn Semiconductors BYW29EX Datasheet HTML 2Page - WeEn Semiconductors BYW29EX Datasheet HTML 3Page - WeEn Semiconductors BYW29EX Datasheet HTML 4Page - WeEn Semiconductors BYW29EX Datasheet HTML 5Page - WeEn Semiconductors BYW29EX Datasheet HTML 6Page - WeEn Semiconductors BYW29EX Datasheet HTML 7Page - WeEn Semiconductors BYW29EX Datasheet HTML 8Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WeEn Semiconductors
Product specification
Rectifier diodes
BYW29EX series
ultrafast, rugged
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge
Human body model;
-
8
kV
capacitor voltage
C = 250 pF; R = 1.5 k
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from
f = 50-60 Hz; sinusoidal
-
2500
V
both terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from both terminals f = 1 MHz
-
10
-
pF
to external heatsink
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
with heatsink compound
-
-
5.5
K/W
heatsink
without heatsink compound
-
-
7.2
K/W
R
th j-a
Thermal resistance junction to
in free air
-
55
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 8 A; Tj = 150˚C
-
0.80
0.895
V
I
F = 8 A
-
0.92
1.05
V
I
F = 20 A
-
1.1
1.3
V
I
R
Reverse current
V
R = VRWM; Tj = 100 ˚C
-
0.2
0.6
mA
V
R = VRWM
-2
10
µA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Q
s
Reverse recovery charge
I
F = 2 A; VR ≥ 30 V; -dIF/dt = 20 A/µs-
4
11
nC
t
rr1
Reverse recovery time
I
F = 1 A; VR ≥ 30 V;
-
20
25
ns
-dI
F/dt = 100 A/µs
t
rr2
Reverse recovery time
I
F = 0.5 A to IR = 1 A; Irec = 0.25 A
-
15
20
ns
V
fr
Forward recovery voltage
I
F = 1 A; dIF/dt = 10 A/µs-
1
-
V
September 2018
2
Rev 1.
300


Numéro de pièce similaire - BYW29EX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYW29EX PHILIPS-BYW29EX Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX-150 PHILIPS-BYW29EX-150 Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX-200 PHILIPS-BYW29EX-200 Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
More results

Description similaire - BYW29EX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com