Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9433BDY Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI9433BDY
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9433BDY Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI9433BDY Datasheet HTML 1Page - Vishay Siliconix SI9433BDY Datasheet HTML 2Page - Vishay Siliconix SI9433BDY Datasheet HTML 3Page - Vishay Siliconix SI9433BDY Datasheet HTML 4Page - Vishay Siliconix SI9433BDY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si9433BDY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72755
S-40242—Rev. A, 16-Feb-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.6
−1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V, TJ = 70_C
−10
mA
On State Drain Currentb
ID( )
VDS v−5 V, VGS = −4.5 V
−20
A
On-State Drain Currentb
ID(on)
VDS v−5 V, VGS = −2.7 V
−5
A
Drain Source On State Resistanceb
rDS( )
VGS = −4.5 V, ID = −6.2 A
0.030
0.040
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = −2.7 V, ID = −5.0 A
0.050
0.060
W
Forward Transconductanceb
gfs
VDS = −9 V, ID = −6.2 A
15
S
Diode Forward Voltageb
VSD
IS = −2.6 A, VGS = 0 V
−0.76
−1.1
V
Dynamica
Total Gate Charge
Qg
8.8
14
Gate-Source Charge
Qgs
VDS = −6 V, VGS = −4.5 V, ID = −6.2 A
1.8
nC
Gate-Drain Charge
Qgd
2.4
Gate Resistance
Rg
8.5
W
Turn-On Delay Time
td(on)
40
60
Rise Time
tr
VDD = −6 V, RL = 6 W
55
85
Turn-Off Delay Time
td(off)
VDD = −6 V, RL = 6 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
65
100
ns
Fall Time
tf
30
45
Source-Drain Reverse Recovery Time
trr
IF = −2.3 A, di/dt = 100 A/ms
35
55
Notes
a.
For design aid only; not subject to production testing.
b.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0
1234
5
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 3 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
2 V
2.5 V


Numéro de pièce similaire - SI9433BDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9433BDY VISHAY-SI9433BDY Datasheet
202Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 12-Dec-05
SI9433BDY VISHAY-SI9433BDY Datasheet
182Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 18-May-09
SI9433BDY VISHAY-SI9433BDY Datasheet
180Kb / 8P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI9433BDY-T1-E3 VBSEMI-SI9433BDY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI9433BDY VISHAY-SI9433BDY_05 Datasheet
202Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 12-Dec-05
More results

Description similaire - SI9433BDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com