Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100ES6039EGR2 Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MC100ES6039EGR2
Description  3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6039EGR2 Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MC100ES6039EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6039EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6039EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6039EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6039EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6039EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6039EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6039EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Clock Drivers Device Data
2
Freescale Semiconductor
MC100ES6039
Figure 1. 20-Lead Pinout (Top View)
CLK
CLK
MR
VCC
17
18
16
15
14
13
12
4
3
56
7
8
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
EN
19
20
2
1
VCC
Q0
VBB
VCC
NC
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
Table 1. Pin Description
Pin
Function
CLK(1), CLK(1)
1. Pins will default low when left open.
ECL Diff Clock Inputs
EN(1)
ECL Sync Enable
MR(1)
ECL Master Reset
VBB
ECL Reference Output
Q0, Q1, Q0, Q1
ECL Diff
÷2/4 Outputs
Q2, Q3, Q2, Q3
ECL Diff
÷4/6 Outputs
DIVSELa(1)
ECL Freq. Select Input
÷2/4
DIVSELb(1)
ECL Freq. Select Input
÷4/6
VCC
ECL Positive Supply
VEE
ECL Negative Supply
NC
No Connect
Table 2. Function Tables
CLK
EN
MR
Function
Z
ZZ
X
L
H
X
L
L
H
Divide
Hold Q0:3
Reset Q0:3
X = Don’t Care
Z = Low-to-High Transition
ZZ = High-to-Low Transition
DIVSELa
Q0:1 Outputs
L
H
Divide by 2
Divide by 4
DIVSELb
Q2:3 Outputs
L
H
Divide by 4
Divide by 6
Figure 2. Logic Diagram
CLK
CLK
EN
MR
÷2/4
Q0
Q0
Q1
Q1
÷4/6
Q2
Q2
Q3
Q3
R
R
DIVSELa
DIVSELb
VEE


Numéro de pièce similaire - MC100ES6039EGR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6011D MOTOROLA-MC100ES6011D Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011D RENESAS-MC100ES6011D Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6011DR2 MOTOROLA-MC100ES6011DR2 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results

Description similaire - MC100ES6039EGR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com