Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10105FNR2 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC10105FNR2
Description  Triple 2-3-2-Input OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10105FNR2 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC10105FNR2 Datasheet HTML 1Page - ON Semiconductor MC10105FNR2 Datasheet HTML 2Page - ON Semiconductor MC10105FNR2 Datasheet HTML 3Page - ON Semiconductor MC10105FNR2 Datasheet HTML 4Page - ON Semiconductor MC10105FNR2 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10105
3–23
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
4
4
8
1, 16
IinL
4
4
8
1, 16
Output Voltage
Logic 1
VOH
3
2
4
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
3
2
4
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
3
2
4
4
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
3
2
4
4
8
8
1, 16
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+3–
t4–3+
t4+2+
t4–2–
3
3
2
2
4
4
4
4
3
3
2
2
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t3+
t2+
3
2
4
4
3
2
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t3–
t2–
3
2
4
4
3
2
8
8
1, 16
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Numéro de pièce similaire - MC10105FNR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10105FN ONSEMI-MC10105FN Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
More results

Description similaire - MC10105FNR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
   Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10107 ONSEMI-MC10107_02 Datasheet
108Kb / 8P
   Triple 2-Input Exclusive OR/ Exclusive NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC1674 MOTOROLA-MC1674 Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302_07 Datasheet
79Kb / 4P
   QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
F100102 NSC-F100102 Datasheet
95Kb / 3P
   QUINT 2-INPUT OR-NOR GATE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com