Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-5121-200 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HCPL-5121-200 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 16 page Description The HCPL- 5120 contains a GaAsP LED optically coupled to an integrated circuit with a power output stage. The device is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices. The voltage and current supplied by this optocoupler makes it ideally suited for directly driving IGBTs with ratings up to 1200 V/100 A. For IGBTs with higher ratings, the HCPL- 5120 can be used to drive a discrete power stage, which drives the IGBT gate. The products are capable of operation and storage over the full military temperature range and can be purchased as either commercial products, with full MIL- PRF- 38534 Class H testing, or from Defense Supply Center Columbus (DSCC) Standard Microcircuit Drawing (SMD) 5962- 04204. All devices are Agilent HCPL-5120 & HCPL-5121 DSCC SMD 5962-04204 2.0 Amp Output Current IGBT Gate Drive Optocoupler Data Sheet manufactured and tested on a MIL- PRF- 38534 certified line and are included in the DSCC Qualified Manufacturers List, QML- 38534 for Hybrid Microcircuits. Schematic Diagram Applications • Industrial and Military Environments • High Reliability Systems • Harsh Industrial Environments • Transportation, Medical, and Life Critical Systems • Uninterruptible Power Supplies (UPS) • Isolated IGBT/MOSFET Gate Drive • AC and Brushless DC Motor Drives • Industrial Inverters • Switch Mode Power Supplies (SMPS) 1 3 SHIELD 2 4 8 6 7 5 N/C CATHODE ANODE N/C VCC VO VO VEE Features • Performance Guaranteed over Full Military Temperature Range: -55°C to +125°C • Manufactured and Tested on a MIL- PRF-38534 Certified Line • Hermetically Sealed Packages • Dual Marked with Device Part Number and DSCC Drawing Number • QML-38534 • HCPL-3120 Function Compatibility • 2.0 A Minimum Peak Output Current • 0.5V Maximum Low Level Output Voltage (VOL) Eliminates Need for Negative Gate Drive • 10 kV/µs Minimum Common Mode Rejection (CMR) at VCM = 1000V •ICC = 5 mA Maximum Supply Current • Under Voltage Lock-Out Protection (UVLO) with Hysteresis • Wide Operating VCC Range: 15 to 30 Volts • 500 ns Maximum Propagation Delay • ± 0.35 µs Maximun Delay Between Devices CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. |
Numéro de pièce similaire - HCPL-5121-200 |
|
Description similaire - HCPL-5121-200 |