Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2149IDGN Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2149IDGN
Description  3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2149IDGN Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2149IDGN Datasheet HTML 1Page - Texas Instruments TPS2149IDGN Datasheet HTML 2Page - Texas Instruments TPS2149IDGN Datasheet HTML 3Page - Texas Instruments TPS2149IDGN Datasheet HTML 4Page - Texas Instruments TPS2149IDGN Datasheet HTML 5Page - Texas Instruments TPS2149IDGN Datasheet HTML 6Page - Texas Instruments TPS2149IDGN Datasheet HTML 7Page - Texas Instruments TPS2149IDGN Datasheet HTML 8Page - Texas Instruments TPS2149IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS2148
TPS2158
SLVS373 – AUGUST 2001
4
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, TJ = –40°C to 100°C (unless otherwise noted)
timing parameters, power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Turnon time OUTx switch (see Note 1)
CL = 100 µF
RL =33 Ω
0.5
6
ton
Turnon time, OUTx switch, (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
3
t ff
Turnoff time OUTx switch (see Note 1)
CL = 100 µF
RL =33 Ω
5.5
10
ms
toff
Turnoff time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
2
ms
t
Rise time OUTx switch (see Note 1)
CL = 100 µF
RL =33 Ω
0.5
5
tr
Rise time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
2
tf
Fall time OUTx switch (see Note 1)
CL = 100 µF
RL =33 Ω
5.5
9
tf
Fall time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
1.2
NOTE 1. Specified by design, not tested in production.
undervoltage lockout at VIN/SWIN1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO Threshold
2.2
2.85
V
Hysteresis (see Note 1)
260
mV
Deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.
undervoltage lockout at switch 2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO Threshold
2.2
2.85
V
Hysteresis (see Note 1)
260
mV
Deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.


Numéro de pièce similaire - TPS2149IDGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2149IDGN TI-TPS2149IDGN Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149IDGN TI-TPS2149IDGN Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2149IDGN TI-TPS2149IDGN Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2149IDGN TI1-TPS2149IDGN Datasheet
457Kb / 23P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
More results

Description similaire - TPS2149IDGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com