Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2145IPWP Fiches technique(PDF) 3 Page - Texas Instruments |
|
TPS2145IPWP Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 19 page TPS2148 TPS2158 SLVS373 – AUGUST 2001 3 www.ti.com recommended operating conditions MIN MAX UNIT VI(VIN/SWIN1) 2.9 5.5 Input voltage VI(ENx) 0 5.5 V VI(LDO_EN) 0 5.5 Continuous output current IO LDO_OUT 200 mA Continuous output current, IO OUT1, OUT2 150 mA Output current limit IO(LMT) LDO_OUT 275 550 mA Output current limit, IO(LMT) OUT1, OUT2 200 400 mA Operating virtual-junction temperature range, TJ –40 100 °C electrical characteristics over recommended operating junction-temperature range, 2.9 V ≤ VI(VIN/SWIN1) ≤ 5.5 V, TJ = –40°C to 100°C (unless otherwise noted) general PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Off-state supply current VI(ENx) = 5 V (inactive), VI(LDO_EN) = 0 V (inactive), VO(LDO_OUT) = no load, VO(OUTx) = no load 20 µA Forward leakage current VI(VIN/SWIN1) = 5 V VI(ENx) = 5 V (inactive), VI(LDO_EN) = 0 V (inactive), VO(LDO_OUT) = 0 V, VO(OUTx) = 0 V (measured from outputs to ground) 1 µA V5 V VI(LDO_EN) = 5 V (active), VI(ENx) = on (active) 150 µA II Total input current at VIN/SWIN1 and SWIN2 VI(VIN/SWIN1) = 5 V, No load on OUTx, No load on LDOOUT VI(LDO_EN) = 0 V (inactive), VI(ENx) = on (active) 100 µA No load on LDO_OUT VI(LDO_EN) = 5 V (active), VI(ENx) = off (inactive) 100 µA power switches PARAMETER TEST CONDITIONS MIN TYP MAX UNIT rDS( ) Static drain-source on-state resistance VIN/SWIN1 or IO(LDO_OUT) = 50 mA, IOUT1 and IOUT2 = 150 mA, TJ = –40°C to 100°C 680 m Ω rDS(on) resistance, VIN/SWIN1 or SWIN2 to OUTx IO(LDO_OUT) = 50 mA, IOUT1 and IOUT2 = 150 mA, TJ = 25°C 340 m Ω VI(ENx) = 5 V, VI(ENx) = 0 V, VI(VIN/SWIN1) = 5 V 10 Ilkg(R) Reverse leakage current at OUTx VO(OUTx) = 5 V, LDO_EN = don’t care VI(ENx) = 5 V, VI(ENx) = 0 V, VI(VIN/SWIN1) = 2.9 V 10 µA VI(ENx) = 5 V, VI(ENx) = 0 V, VI(VIN/SWIN1) = 0 V 10 IOS Short circuit output current OUTx connected to GND, device enabled into short circuit 0.2 0.4 A NOTE 1: Specified by design, not tested in production. |
Numéro de pièce similaire - TPS2145IPWP |
|
Description similaire - TPS2145IPWP |