Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVEL32D Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC100LVEL32D
Description  첨2 Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL32D Fiches technique(HTML) 3 Page - ON Semiconductor

  MC100LVEL32D Datasheet HTML 1Page - ON Semiconductor MC100LVEL32D Datasheet HTML 2Page - ON Semiconductor MC100LVEL32D Datasheet HTML 3Page - ON Semiconductor MC100LVEL32D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC100LVEL32
http://onsemi.com
3
PACKAGE DIMENSIONS
SO–8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751–06
ISSUE T
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Numéro de pièce similaire - MC100LVEL32D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEL32D ONSEMI-MC100LVEL32D Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC100LVEL32D ONSEMI-MC100LVEL32D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL32DG ONSEMI-MC100LVEL32DG Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC100LVEL32DG ONSEMI-MC100LVEL32DG Datasheet
167Kb / 8P
   3.3 V ECL /2 Divider
July, 2016 ??Rev. 11
MC100LVEL32DR2 ONSEMI-MC100LVEL32DR2 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
More results

Description similaire - MC100LVEL32D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC10EP32 ONSEMI-MC10EP32 Datasheet
89Kb / 8P
   첨2 Divider
December, 1999 ??Rev. 1
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com