Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX-826 Fiches technique(PDF) 1 Page - DATEL, Inc.

No de pièce MX-826
Description  Precision, High-Speed 8-Channel Analog Multiplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATEL [DATEL, Inc.]
Site Internet  http://www.datel.com/
Logo DATEL - DATEL, Inc.

MX-826 Fiches technique(HTML) 1 Page - DATEL, Inc.

  MX-826 Datasheet HTML 1Page - DATEL, Inc. MX-826 Datasheet HTML 2Page - DATEL, Inc. MX-826 Datasheet HTML 3Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MDA_MX826_A02 Page 1 of 6
MX-826
Precision, High-Speed 8-Channel Analog Multiplexers
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
FEATURES
170ns maximum settling time to ±0.1%
225ns maximum settling time to ±0.01%
400ns maximum settling time to ±0.003%
8 Channels single-ended inputs
395mW power dissipation
Small, 24-pin DDIP package
The MX-826 is a precision, high-speed multiplexer
characterized for 10, 12 and 14-bit applications. The
performance benchmarks are its 225 nanoseconds
maximum settling time to ±0.01% accuracy and its
unprecedented specification of accuracy to ±0.003%.
The MX-826 provides eight single-ended inputs.
Channel addressing is done by a three-bit binary code
and break-before-make switching assures that no
two channels are ever momentarily shorted together.
The MX-826 operates from ±15V and +5V power
supplies. Models are available in two operating
temperature ranges: 0 to +70°C and –55 to
+125°C. MIL-STD-883 screening is optional.
PRODUCT OVERVIEW
FUNCTIONAL BLOCK DIAGRAM
4
5
6
7
8
9
10
11
1
2
3
12, 17, 18, 23
13 OUTPUT
19
24
16
+15V
SUPPLY
+5V
SUPPLY
MUX
ANALOG
INPUTS
CHANNEL
ADDRESS
–1
–15V
SUPPLY


Numéro de pièce similaire - MX-826

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MX-826 ETC1-MX-826 Datasheet
61Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
Murata Manufacturing Co...
MX-826 MURATA-MX-826 Datasheet
59Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
DATEL, Inc.
MX-826/883 DATEL-MX-826/883 Datasheet
109Kb / 1P
   Multiplexers
MX-826883 DATEL-MX-826883 Datasheet
109Kb / 1P
   Multiplexers
MX-826G883 DATEL-MX-826G883 Datasheet
109Kb / 1P
   Multiplexers
More results

Description similaire - MX-826

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
MX-826 MURATA-MX-826 Datasheet
59Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
List of Unclassifed Man...
MX-826 ETC1-MX-826 Datasheet
61Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
DATEL, Inc.
MX-850 DATEL-MX-850 Datasheet
142Kb / 4P
   Precision, High-Speed 4-Channel Analog Multiplexers
logo
Murata Manufacturing Co...
MX-850 MURATA-MX-850 Datasheet
83Kb / 4P
   Precision, Higher-Speed 4-Channel, Analog Multiplexers
logo
List of Unclassifed Man...
MX-850 ETC-MX-850 Datasheet
83Kb / 4P
   Precision, Higher-Speed 4-Channel, Analog Multiplexers
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com