Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFCG-1400 Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce LFCG-1400
Description  Low Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCG-1400 Fiches technique(HTML) 1 Page - Mini-Circuits

  LFCG-1400 Datasheet HTML 1Page - Mini-Circuits LFCG-1400 Datasheet HTML 2Page - Mini-Circuits LFCG-1400 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Very good rejection, 50 dB typical
• Rugged, ceramic construction
• Tiny size, 0.079 x 0.049 x 0.037” (0805)
• Excellent power handling, 6W
Product Overview
Mini-Circuits’ LFCG-1400+ is an LTCC low pass filter with a passband from DC to 1400 MHz, supporting a variety of
applications. This model provides 1.0 dB typical passband insertion loss and provides a very good stopband rejection
due to strategically constructed layout with minimal interaction between components. It handles up to 6W RF input
power and provides a wide operating temperature range from -40 to +85°C. Housed in a tiny 0805 ceramic form factor
with wraparound terminations, the filter is ideal for dense PCB layouts and with minimal performance variation due to
parasitics.
Key Features
LFCG-1400+
50Ω
DC to 1400 MHz
CASE STYLE: GE0805C-2
Low Pass Filter
Ceramic
Page 1 of 3
Feature
Advantages
Ultra-wide stopband
The LTCC lowpass filter provides a very good stopband rejection until 10 GHz suitable for high end
applications.
LTCC Construction
Provides repeatable performance in a rugged, ceramic package well suited for tough environments
such as high humidity and temperature extremes.
Tiny size (0.079 x 0.049 x 0.037”)
Saves space in dense circuit board layouts and minimizes the effects of parasitics.
High power handling, 6W
Supports a wide range of system power requirements.
Wrap-around terminations
Provides excellent solderability and easy visual inspection


Numéro de pièce similaire - LFCG-1400

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
LFCG-1000 MINI-LFCG-1000 Datasheet
405Kb / 3P
   Low Pass Filter
LFCG-1000++ MINI-LFCG-1000+ Datasheet
405Kb / 3P
   Low Pass Filter
LFCG-1200 MINI-LFCG-1200 Datasheet
494Kb / 3P
   Low Pass Filter
LFCG-1200++ MINI-LFCG-1200+ Datasheet
494Kb / 3P
   Low Pass Filter
LFCG-1325 MINI-LFCG-1325 Datasheet
372Kb / 3P
   Low Pass Filter
REV.A
More results

Description similaire - LFCG-1400

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com