Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EQY-10-24 Fiches technique(PDF) 3 Page - Mini-Circuits

No de pièce EQY-10-24
Description  Gain Equalizer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EQY-10-24 Fiches technique(HTML) 3 Page - Mini-Circuits

  EQY-10-24 Datasheet HTML 1Page - Mini-Circuits EQY-10-24 Datasheet HTML 2Page - Mini-Circuits EQY-10-24 Datasheet HTML 3Page - Mini-Circuits EQY-10-24 Datasheet HTML 4Page - Mini-Circuits EQY-10-24 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Gain Equalizer
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
EQY-10-24+
1. Measured on Mini-Circuits Characterization Test Board TB-EQY-10-24+. See Characterization Test Circuit (Fig. 1)
MCL
EW10
black body
model family designation
index over pad 1
Electrical Specifications1 at 25°C, 50Ω, unless otherwise noted.
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
20
GHz
Insertion Loss
0.01
10.8
11.1
11.4
dB
5
9.6
10
5.8
18
1.2
1.4
1.8
20
0.9
VSWR
0.01 -5
1.11
:1
5 - 10
1.18
10 - 18
1.27
18 - 20
1.09
Fig 1. Block Diagram of Test Circuit used for characterization. Test Board TB-EQY-10-24+
Conditions: Attenuation & Return Loss Pin=0 dBm
Characterization Test Circuit
Product Marking
4
1
2
3
5
8
7
6
RF-IN
RF-OUT
DUT
Marking may contain other features or characters for internal lot control
Operating Case Temperature
-55°C to 105°C
Storage Temperature
-65°C to 150°C
RF Input Power3
33 dBm
Absolute Maximum Ratings2
2. Permanent damage may occur if any of these limits are excedeed.
3. Derates linearly to 31 dBm at 105°C


Numéro de pièce similaire - EQY-10-24

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
EQY-10-24-D MINI-EQY-10-24-D Datasheet
279Kb / 4P
   Gain Equalizer Die
EQY-10-24-D++ MINI-EQY-10-24-D+ Datasheet
279Kb / 4P
   Gain Equalizer Die
More results

Description similaire - EQY-10-24

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VEQY-1-63 MINI-VEQY-1-63 Datasheet
256Kb / 3P
   Gain Equalizer
VEQY-2-63 MINI-VEQY-2-63 Datasheet
253Kb / 3P
   Gain Equalizer
VEQY-4-63 MINI-VEQY-4-63 Datasheet
254Kb / 3P
   Gain Equalizer
EQY-18-24++ MINI-EQY-18-24+ Datasheet
478Kb / 5P
   Gain Equalizer
REV. A
EQY-6-24 MINI-EQY-6-24 Datasheet
278Kb / 5P
   Gain Equalizer
EQY-8-24 MINI-EQY-8-24 Datasheet
278Kb / 5P
   Gain Equalizer
VEQY-6-63 MINI-VEQY-6-63 Datasheet
252Kb / 3P
   Gain Equalizer
VEQY-3-63 MINI-VEQY-3-63 Datasheet
255Kb / 3P
   Gain Equalizer
VEQY-8-63 MINI-VEQY-8-63 Datasheet
254Kb / 3P
   Gain Equalizer
EQY-2-24 MINI-EQY-2-24 Datasheet
278Kb / 5P
   Gain Equalizer
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com