Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVE222 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC100LVE222
Description  Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE222 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC100LVE222 Datasheet HTML 1Page - ON Semiconductor MC100LVE222 Datasheet HTML 2Page - ON Semiconductor MC100LVE222 Datasheet HTML 3Page - ON Semiconductor MC100LVE222 Datasheet HTML 4Page - ON Semiconductor MC100LVE222 Datasheet HTML 5Page - ON Semiconductor MC100LVE222 Datasheet HTML 6Page - ON Semiconductor MC100LVE222 Datasheet HTML 7Page - ON Semiconductor MC100LVE222 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC100LVE222
http://onsemi.com
5
PACKAGE DIMENSIONS
FA SUFFIX
TQFP PACKAGE
CASE 848D–03
ISSUE C
F
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DATUM PLANE –H– IS LOCATED AT BOTTOM
OF LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4.
DATUMS –L–, –M– AND –N– TO BE
DETERMINED AT DATUM PLANE –H–.
5.
DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE –T–.
6.
DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE PROTRUSION
IS 0.25 (0.010) PER SIDE. DIMENSIONS A AND B
DO INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE -H-.
7.
DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46
(0.018). MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD OR
PROTRUSION 0.07 (0.003).
VIEW AA
VIEW AA
2 X R R1
AB
AB
VIEW Y
SECTION AB–AB
ROTATED 90
_ CLOCKWISE
DIM
A
MIN
MAX
MIN
MAX
INCHES
10.00 BSC
0.394 BSC
MILLIMETERS
A1
5.00 BSC
0.197 BSC
B
10.00 BSC
0.394 BSC
B1
5.00 BSC
0.197 BSC
C
–––
1.70
–––
0.067
C1
0.05
0.20
0.002
0.008
C2
1.30
1.50
0.051
0.059
D
0.20
0.40
0.008
0.016
E
0.45
0.030
F
0.22
0.35
0.009
0.014
G
0.65 BSC
0.75
0.018
0.026 BSC
J
0.07
0.20
0.003
0.008
K
0.50 REF
0.020 REF
R1
0.08
0.20
0.003
0.008
S
12.00 BSC
0.472 BSC
S1
6.00 BSC
0.236 BSC
U
0.09
0.16
0.004
0.006
V
12.00 BSC
0.472 BSC
V1
6.00 BSC
0.236 BSC
W
0.20 REF
0.008 REF
Z
1.00 REF
0.039 REF
CL
–X–
X=L, M, N
1
13
14
26
27
39
40
52
4X TIPS
4X
N
0.20 (0.008) H L–M
N
0.20 (0.008) T L–M
3X
VIEW Y
SEATING
PLANE
C
0.10 (0.004) T
4X
θ3
4X
θ2
S
0.05 (0.002)
0.25 (0.010)
GAGE PLANE
C2
C1
W
K
E
Z
S
L–M
M
0.13 (0.005)
N S
T
PLATING
BASE METAL
D
J
U
B
V
B1
A
S
V1
A1
S1
–L–
–N–
–M–
–H–
–T–
θ1
θ
G
θ1
θ
θ3
θ2
0
7
__
12
5
13
_
_
_
0
7
__
0
_
0
_
–––
–––
REF
12
_ REF
13
_
5
_


Numéro de pièce similaire - MC100LVE222

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FA ONSEMI-MC100LVE222FA Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAG ONSEMI-MC100LVE222FAG Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2 ONSEMI-MC100LVE222FAR2 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2G ONSEMI-MC100LVE222FAR2G Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
More results

Description similaire - MC100LVE222

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com