Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVE222 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC100LVE222
Description  Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE222 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC100LVE222 Datasheet HTML 1Page - ON Semiconductor MC100LVE222 Datasheet HTML 2Page - ON Semiconductor MC100LVE222 Datasheet HTML 3Page - ON Semiconductor MC100LVE222 Datasheet HTML 4Page - ON Semiconductor MC100LVE222 Datasheet HTML 5Page - ON Semiconductor MC100LVE222 Datasheet HTML 6Page - ON Semiconductor MC100LVE222 Datasheet HTML 7Page - ON Semiconductor MC100LVE222 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100LVE222
http://onsemi.com
3
Figure
1. Timing Diagram
CLK
RESET
Q
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
–8.0 to 0
VDC
VI
Input Voltage (VCC = 0V)
0 to –6.0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
–40 to +85
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
ECL DC CHARACTERISTICS
–40
°C
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
–1.085
–1.005
–0.880
–1.025
–0.955
–0.880
–1.025
–0.955
–0.880
–1.025
–0.955
–0.880
V
VOL
Output LOW Voltage
–1.830
–1.695
–1.555
–1.810
–1.705
–1.620
–1.810
–1.705
–1.620
–1.810
–1.705
–1.620
V
VIH
Input HIGH Voltage
–1.165
–0.880
–1.165
–0.880
–1.165
–0.880
–1.165
–0.880
V
VIL
Input LOW Voltage
–1.810
–1.475
–1.810
–1.475
–1.810
–1.475
–1.810
–1.475
V
VBB
Output Reference
Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
VEE
Power Supply Volt-
age
–3.0
–5.25
–3.0
–5.25
–3.0
–5.25
–3.0
–5.25
V
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input
CLK0, CLK1
LOW Current Others
–300
0.5
–300
0.5
–300
0.5
–300
0.5
µA
IEE
Power Supply Cur-
rent
122
136
122
136
122
136
125
139
mA
PECL DC CHARACTERISTICS
–40
°C
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1.
2.215
2.295
2.420
2.275
2.345
2.420
2.275
2.345
2.420
2.275
2.345
2.420
V
VOL
Output LOW Voltage1.
1.470
1.605
1.745
1.490
1.595
1.680
1.490
1.595
1.680
1.490
1.595
1.680
V
VIH
Input HIGH Voltage1.
2.135
2.420
2.135
2.420
2.135
2.420
2.135
2.420
V
VIL
Input LOW Voltage1.
1.490
1.825
1.490
1.825
1.490
1.825
1.490
1.825
V
VBB
Output Reference
Voltage1.
1.92
2.04
1.92
2.04
1.92
2.04
1.92
2.04
V
VCC
Power Supply Voltage
3.0
5.25
3.0
5.25
3.0
5.25
3.0
5.25
V
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input
CLK0, CLK1
LOW Current
Others
–300
0.5
–300
0.5
–300
0.5
–300
0.5
µA
IEE
Power Supply Current
122
136
122
136
122
136
125
139
mA
1. These values are for VCC = 3.3V. Level Specifications will vary 1:1 with VCC.


Numéro de pièce similaire - MC100LVE222

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FA ONSEMI-MC100LVE222FA Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAG ONSEMI-MC100LVE222FAG Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2 ONSEMI-MC100LVE222FAR2 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2G ONSEMI-MC100LVE222FAR2G Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
More results

Description similaire - MC100LVE222

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com