Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-61588F0 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-61588F0
Description  MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BU-61588F0 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-61588F0 Datasheet HTML 1Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 2Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 3Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 7Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 8Page - List of Unclassifed Manufacturers BU-61588F0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
®
Data Device Corporation
105 Wilbur Place
Bohemia, New York 11716
631-567-5600 Fax: 631-567-7358
www.ddc-web.com
FOR MORE INFORMATION CONTACT:
Technical Support:
1-800-DDC-5757 ext. 7771
FEATURES
5 Volt Only
Fully Integrated MIL-STD-1553 A/B
STANAG 3838 Compliant Terminals
One-Square-Inch Package
Smallest BC/RT/MT In The Industry
Hardware and Software
Compatible with BU-61580 ACE
Series
Flexible Processor/Memory
Interface
Bootable RT* Option
4K x 16 or 64K x 16* Shared RAM
Automatic BC Retries
Programmable BC Gap Times
Programmable Illegalization
Simultaneous RT/Monitor Mode
Operates From 10*/12 /16 / 20* MHz
Clock
DESCRIPTION
The BU-61588 Mini-ACE and BU-61688 Mini-ACE Plus* integrates two
5-volt-only transceivers, protocol, memory management, processor interface
logic, and 4K x 16, or 64K x 16* words of RAM in a choice of pin grid array
(PGA), quad flat pack or gull lead packages. The Mini-ACE is packaged in a
1.0 square inch, low profile, cofired ceramic multi-chip-module (MCM) pack-
age making it the smallest integrated MIL-STD-1553 BC/RT/MT in the indus-
try.
The Mini-ACE provides full compatibility to DDC’s BU-61580 and BU-65170
Advanced Communication Engine (ACE). As such, the Mini-ACE includes all
the hardware and software architectural features of the ACE.
The Mini-ACE contains internal address latches and bidirectional data buffers
to provide a direct interface to a host processor bus. The memory manage-
ment scheme for RT mode provides three data structures for buffering data.
These structures, combined with the Mini-ACE’s extensive interrupt capabili-
ty, serve to ensure data consistency while off-loading the host processor.
The Mini-ACE Plus* can optionally boot-up as a RT with the Busy bit set for
1760 applications. The Mini-ACE BC mode implements several features
aimed at providing an efficient real-time software interface to the host proces-
sor including automatic retries, programmable intermessage gap times, auto-
matic frame repetition, and flexible interrupt generation.
The advanced architectural features of the Mini-ACE, combined with its small size
and high reliability, make it an ideal choice for demanding military and industrial
processor-to-1553 applications.
BU-65178/65179*/61588/61688*/61689*
MINIATURE ADVANCED
COMMUNICATION ENGINE
(MINI-ACE) AND MINI-ACE PLUS*
Make sure the next
Card you purchase
has...
©
1998, 1999 Data Device Corporation
All trademarks are the property of their respective owners.


Numéro de pièce similaire - BU-61588F0

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-61 ETC2-BU-61 Datasheet
49Kb / 1P
   Alligator Clip with Cage Spring Barrel
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-0 ETC2-BU-6161-M-39-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-2 ETC2-BU-6161-M-39-2 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
More results

Description similaire - BU-61588F0

FabricantNo de pièceFiches techniqueDescription
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
logo
NXP Semiconductors
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
logo
Sanyo Semicon Device
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
   San Ace 120WS
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
logo
LIGITEK electronics co....
LG-CU3535HIRR-LSB LIGITEK-LG-CU3535HIRR-LSB Datasheet
514Kb / 15P
   ACE MOUNT LED TAPE AND REEL
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
   ACE (Digital WDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12