Moteur de recherche de fiches techniques de composants électroniques |
|
ADC08D1500EVAL Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
ADC08D1500EVAL Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
5 / 33 page Pin Descriptions and Equivalent Circuits (Continued) Pin Functions Pin No. Symbol Equivalent Circuit Description 83/78 84/77 85/76 86/75 89/72 90/71 91/70 92/69 93/68 94/67 95/66 96/65 100/61 101/60 102/59 103/58 DI7− / DQ7− DI7+ / DQ7+ DI6− / DQ6− DI6+ / DQ6+ DI5− / DQ5− DI5+ / DQ5+ DI4− / DQ4− DI4+ / DQ4+ DI3− / DQ3− DI3+ / DQ3+ DI2− / DQ2− DI2+ / DQ2+ DI1− / DQ1− DI1+ / DQ1+ DI0− / DQ0− DI0+ / DQ0+ I and Q channel LVDS Data Outputs that are not delayed in the output demultiplexer. Compared with the DId and DQd outputs, these outputs represent the later time samples. These outputs should always be terminated with a 100 Ω differential resistor. 104/57 105/56 106/55 107/54 111/50 112/49 113/48 114/47 115/46 116/45 117/44 118/43 122/39 123/38 124/37 125/36 DId7− / DQd7− DId7+ / DQd7+ DId6− / DQd6− DId6+ / DQd6+ DId5− / DQd5− DId5+ / DQd5+ DId4− / DQd4− DId4+ / DQd4+ DId3− / DQd3− DId3+ / DQd3+ DId2− / DQd2− DId2+ / DQd2+ DId1− / DQd1− DId1+ / DQd1+ DId0− / DQd0− DId0+ / DQd0+ I and Q channel LVDS Data Outputs that are delayed by one CLK cycle in the output demultiplexer. Compared with the DI/DQ outputs, these outputs represent the earlier time sample. These outputs should always be terminated with a 100 Ω differential resistor. 79 80 OR+ OR- Out Of Range output. A differential high at these pins indicates that the differential input is out of range (outside the range ±325 mV or ±435 mV as defined by the FSR pin). 82 81 DCLK+ DCLK- Differential Clock outputs used to latch the output data. Delayed and non-delayed data outputs are supplied synchronous to this signal. This signal is at 1/2 the input clock rate in SDR mode and at 1/4 the input clock rate in the DDR mode. 2, 5, 8, 13, 16, 17, 20, 25, 28, 33, 128 V A Analog power supply pins. Bypass these pins to ground. www.national.com 5 |
Numéro de pièce similaire - ADC08D1500EVAL |
|
Description similaire - ADC08D1500EVAL |