Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS18LV02565AZC-55 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce CS18LV02565AZC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565AZC-55 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565AZC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS18LV02565AZC-55 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
10
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
AC ELECTRICAL CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V )
< WRITE CYCLE >
-55
-70
JEDEC
Name
Symbol
Description
MIN MAX MIN MAX
Unit
tAVAX
tWC
Write Cycle Time
55
70
ns
tE1LWH
tCW
Chip Select to End of Write
55
70
ns
tAVWL
tAS
Address Setup Time
0
0
ns
tAVWH
tAW
Address Valid to End of Write
55
70
ns
tWLWH
tWP
Write Pulse Width
40
50
ns
tWHAX
tWR
Write Recovery Time
0
0
ns
tWLQZ
tWHZ
Write to Output in High Z
25
35
ns
tDVWH
tDW
Data to Write Time Overlap
20
30
ns
tWHDX
tDH
Data Hold for Write End
0
0
ns
tGHQZ
tOHZ
Output Disable to Output in
High Z
0
30
0
30
ns
tWHOX
tOW
End of Write to Output Active
5
5
ns


Numéro de pièce similaire - CS18LV02565AZC-55

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CC ETC1-CS18LV10245CC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CI ETC1-CS18LV10245CI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DC ETC1-CS18LV10245DC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DI ETC1-CS18LV10245DI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
More results

Description similaire - CS18LV02565AZC-55

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com