Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N200-025-OR Fiches technique(PDF) 3 Page - Tripp Lite. All Rights Reserved

No de pièce N200-025-OR
Description  Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 25 ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N200-025-OR Fiches technique(HTML) 3 Page - Tripp Lite. All Rights Reserved

  N200-025-OR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N200-025-OR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N200-025-OR Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
COMMUNICATIONS
Network Speed
1Gbps
CONNECTIONS
Side A - Connector 1
RJ45 (MALE)
Side B - Connector 1
RJ45 (MALE)
FEATURES & SPECIFICATIONS
Technology
Cat6
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
3 / 3


Numéro de pièce similaire - N200-025-OR

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N200-025-BK TRIPPLITE-N200-025-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 25 ft.
N200-025-BL TRIPPLITE-N200-025-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 25 ft.
N200-025-GN TRIPPLITE-N200-025-GN Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 25 ft.
N200-025-PU TRIPPLITE-N200-025-PU Datasheet
171Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Purple, 25 ft.
N200-025-WH TRIPPLITE-N200-025-WH Datasheet
164Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 25 ft.
More results

Description similaire - N200-025-OR

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N200-006-OR TRIPPLITE-N200-006-OR Datasheet
171Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 6 ft.
N200-100-OR TRIPPLITE-N200-100-OR Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 100 ft.
N200-050-OR TRIPPLITE-N200-050-OR Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 50 ft.
N200-015-OR TRIPPLITE-N200-015-OR Datasheet
171Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 15 ft.
N200-020-OR TRIPPLITE-N200-020-OR Datasheet
171Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 20 ft.
N200-025-GN TRIPPLITE-N200-025-GN Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 25 ft.
N200-025-PU TRIPPLITE-N200-025-PU Datasheet
171Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Purple, 25 ft.
N200-025-WH TRIPPLITE-N200-025-WH Datasheet
164Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 25 ft.
N200-025-YW TRIPPLITE-N200-025-YW Datasheet
173Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Yellow, 25 ft.
N200-006-RD TRIPPLITE-N200-006-RD Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Red, 6 ft.
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com