Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


N200-025-GN Datasheet(Fiches technique) 1 Page - Tripp Lite. All Rights Reserved

Numéro de pièce N200-025-GN
Description  Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 25 ft.
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 1 page
background image
Premium Cat5/5e/6 Gigabit Molded Patch Cable,
24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 25
ft.
MODEL NUMBER: N200-025-GN
Ideal for connecting high-speed network components, such as computers, printers, video game systems,
Blu-ray™ players, copy machines, routers and modems, in a home or office Cat5/5e/6 application.
Description
The N200-025-GN Cat6 Gigabit Molded Patch Cable (M/M) ensures ultra-fast performance throughout
your Cat5/5e/6 network application. It connects high-speed network components like computers, printers,
video game systems, Blu-ray players, copy machines, routers and modems in a home or office Cat5/5e/6
application.
This 25-foot green cable is designed for 1000Base-T (1 Gbps Ethernet), 10/100Base-T (Ethernet), 100
Mbps TPDDI, 155 Mbps ATM, ISDN, voice, Token Ring Type 3 and EIA/TIA applications. Manufactured
from 24 AWG 4-pair solid UTP with a staggered-pin plug design and male RJ45 connectors, each cable
provides high-speed connections up to 550 MHz/1 Gbps and flawless signal delivery, while keeping near-
end crosstalk levels to a minimum.
The N200-025-GN is constructed of top-quality materials for long life and durability. Corrosion-resistant
gold-plated copper contacts provide maximum conductivity and minimize data loss. Integral strain relief
gives the cable extra flexibility, reduces stress, and helps the cable and connectors move freely without
cracking. Meets most current industry standards, including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568,
ISO/IEC 11801 and ETL (category 6 draft 11).
Features
The Ideal Solution for All High-Speed Cat5/5e/6 Networking
Connects high-speed network components, such as computers, printers, video game systems, Blu-ray
players, copy machines, routers and modems
q
Designed for 1000Base-T, 10/100Base-T (Ethernet), 100 Mbps TPDDI, 155 Mbps ATM, ISDN, voice,
q
Highlights
Premium cabling for Cat5/5e/6
home/office network
applications
q
Rated for 550 MHz/1 Gbps
communication
q
24 AWG 4-pair solid UTP with
PVC jacket
q
Gold-plated copper contacts
minimize data loss
q
Integral strain relief protects
connectors from stress and
cracking
q
Package Includes
N200-025-GN Cat6 Gigabit
Molded Patch Cable, Green, 25
ft.
q
1 / 3




Html Pages

1  2  3 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl