Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS66020 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS66020
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66020 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS66020 Datasheet HTML 1Page - Texas Instruments TPS66020 Datasheet HTML 2Page - Texas Instruments TPS66020 Datasheet HTML 3Page - Texas Instruments TPS66020 Datasheet HTML 4Page - Texas Instruments TPS66020 Datasheet HTML 5Page - Texas Instruments TPS66020 Datasheet HTML 6Page - Texas Instruments TPS66020 Datasheet HTML 7Page - Texas Instruments TPS66020 Datasheet HTML 8Page - Texas Instruments TPS66020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
FLT
G3
OVP
F4
GND
G4
VBUS
F3
EN0
G1
VBUS
F2
EN1
G2
PPHV
F1
PP5V
D4
IREF
E4
VBUS
D3
PPHV
E1
VBUS
D2
VBUS
E2
PPHV
D1
PP5V
C4
VBUS
C3
VBUS
C2
PPHV
C1
VBUS
B3
A4
B4
A3
PPHV
B1
VBUS
A2
VBUS
B2
A1
VIN
VBUS
E3
PP5V
VLDO
VBUS
3
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
TPS6602x YBG Package
28-Pin WCSP
Top View
Pin Functions
Pin
I/O
Reset State Description
Name
No.
PP5V
C4, D4, E4
Power
Off
5-V System Supply to VBUS. Bypass with capacitance CPP5V to GND.
PPHV
B1, C1, D1,
E1, F1
Power
Off
HV System Supply from VBUS. Bypass with capacitance CPPHV to GND.


Numéro de pièce similaire - TPS66020

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS66020 TI1-TPS66020 Datasheet
5Mb / 38P
[Old version datasheet]   TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
TPS66020YBGR TI1-TPS66020YBGR Datasheet
5Mb / 38P
[Old version datasheet]   TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
TPS66020 TI1-TPS66020_V01 Datasheet
5Mb / 38P
[Old version datasheet]   TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
More results

Description similaire - TPS66020

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS66020 TI1-TPS66020_V01 Datasheet
5Mb / 38P
[Old version datasheet]   TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
TPS66120 TI1-TPS66120 Datasheet
511Kb / 27P
[Old version datasheet]   TPS6612x Integrated Sink with VBUS LDO Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com